Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1061AV33-8ZC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1061AV33-8ZC
Description  1M x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1061AV33-8ZC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1061AV33-8ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1061AV33-8ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1061AV33-8ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1061AV33-8ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1061AV33-8ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1061AV33-8ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1061AV33-8ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1061AV33-8ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1061AV33-8ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY7C1061AV33
Document #: 38-05256 Rev. *D
Page 2 of 11
Pin Configurations
48-ball FBGA
WE
VCC
A11
A10
NC
A6
A0
A3
CE1
I/O10
I/O
8
I/O9
A4
A5
I/O
11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
VSS
A7
I/O0
BHE
CE2
A17
A2
A1
BLE
VCC
I/O2
I/O1
I/O
3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
DNU
3
2
6
5
4
1
D
E
B
A
C
F
G
H
(Top View)
A16
A18
A19


Similar Part No. - CY7C1061AV33-8ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1061AV33-10BAC CYPRESS-CY7C1061AV33-10BAC Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33-10BAXI CYPRESS-CY7C1061AV33-10BAXI Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33-10BAXI CYPRESS-CY7C1061AV33-10BAXI Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY7C1061AV33-10BAXI CYPRESS-CY7C1061AV33-10BAXI Datasheet
558Kb / 14P
   16-Mbit (1 M 횞 16) Static RAM
CY7C1061AV33-10ZI CYPRESS-CY7C1061AV33-10ZI Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
More results

Similar Description - CY7C1061AV33-8ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62127DV20 CYPRESS-CY62127DV20 Datasheet
221Kb / 12P
   1M (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127BV CYPRESS-CY62127BV_02 Datasheet
347Kb / 11P
   1M (64K x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_09 Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33 Datasheet
408Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
530Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com