Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV851 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMV851
Description  LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV851 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV851 Datasheet HTML 3Page - Texas Instruments LMV851 Datasheet HTML 4Page - Texas Instruments LMV851 Datasheet HTML 5Page - Texas Instruments LMV851 Datasheet HTML 6Page - Texas Instruments LMV851 Datasheet HTML 7Page - Texas Instruments LMV851 Datasheet HTML 8Page - Texas Instruments LMV851 Datasheet HTML 9Page - Texas Instruments LMV851 Datasheet HTML 10Page - Texas Instruments LMV851 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
SUPPLY VOLTAGE (V)
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
2.2
2.0
1.8
1.4
1.6
1.2
1.0
0.8
TEMPERATURE (°C)
0.7
0.6
0.5
0.4
0.3
0.2
-50
-25
0
25
50
75
100
125
3.3V
5.0V
0.7
0.6
0.5
0.3
0.4
0.2
SUPPLY VOLTAGE (V)
0.7
0.6
0.5
0.4
0.3
0.2
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
0.7
0.6
0.5
0.3
0.4
0.2
SUPPLY VOLTAGE (V)
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
1.2
1.1
1.0
0.8
0.9
0.7
0.6
0.5
0.4
VCM (V)
50
40
30
20
10
0
-10
-20
-30
-40
-50
-1
0
1
2
3
4
5
6
3.3V
5.0V
TA = 85°C
50
40
30
10
20
0
-10
-20
-30
-40
-50
VCM (V)
500
400
300
200
100
0
-100
-200
-300
-400
-500
-1
0
1
2
3
4
5
6
3.3V
5.0V
TA = 125°C
500
400
300
100
200
0
-100
-200
-300
-400
-500
LMV851, LMV852, LMV854
www.ti.com
SNOSAW1A – OCTOBER 2007 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, VS = 3.3V, unless otherwise specified.
Input Bias Current
Input Bias Current
vs.
vs.
VCM at 85°C
VCM at 125°C
Figure 11.
Figure 12.
Supply Current
Supply Current
vs.
vs.
Supply Voltage Single LMV851
Supply Voltage Dual LMV852
Figure 13.
Figure 14.
Supply Current
Supply Current
vs.
vs.
Supply Voltage Quad LMV854
Temperature Single LMV851
Figure 15.
Figure 16.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV851 LMV852 LMV854


Similar Part No. - LMV851

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV851 TI1-LMV851 Datasheet
1Mb / 30P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV851MG NSC-LMV851MG Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV851MGENOPB TI1-LMV851MGENOPB Datasheet
1Mb / 30P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851MGNOPB TI1-LMV851MGNOPB Datasheet
1Mb / 30P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results

Similar Description - LMV851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851_14 Datasheet
1Mb / 30P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
   EMI hardened operational amplifiers
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com