Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV711-N Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV711-N
Description  Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV711-N Datasheet(HTML) 1 Page - Texas Instruments

  LMV711-N Datasheet HTML 1Page - Texas Instruments LMV711-N Datasheet HTML 2Page - Texas Instruments LMV711-N Datasheet HTML 3Page - Texas Instruments LMV711-N Datasheet HTML 4Page - Texas Instruments LMV711-N Datasheet HTML 5Page - Texas Instruments LMV711-N Datasheet HTML 6Page - Texas Instruments LMV711-N Datasheet HTML 7Page - Texas Instruments LMV711-N Datasheet HTML 8Page - Texas Instruments LMV711-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
V+
IN+
Class AB
Control
Bias
Control
Copyright © 2016, Texas Instruments Incorporated
V-
SD
IN
VBIAS
IN-
Ip
VBIAS
OUT
(LMV711 ONLY)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMV710-N, LMV711-N, LMV715-N
SNOS519K – APRIL 2000 – REVISED AUGUST 2016
LMV71x-N Low-Power, RRIO Operational Amplifiers
With High Output Current Drive and Shutdown Option
1
1 Features
1
Low Offset Voltage: 3 mV (Maximum)
Gain-Bandwidth Product: 5 MHz (Typical)
Slew Rate: 5 V/µs (Typical)
Space-Saving Packages: 5-Pin and 6-Pin SOT-23
Turnon Time From Shutdown: <10 µs
Industrial Temperature Range:
−40°C to 85°C
Supply Current in Shutdown Mode: 0.2 µA
(Typical)
Ensured 2.7-V and 5-V Performance
Unity Gain Stable
Rail-to-Rail Input and Output
Capable of Driving 600-Ω Load
2 Applications
Wireless Phones
GSM, TDMA, and CDMA Power Amp Controls
AGC and RF Power Detectors
Temperature Compensation
Wireless LAN
Bluetooth
HomeRF
3 Description
The LMV710-N, LMV711-N, and LMV715-N are
BiCMOS operational amplifiers with a CMOS input
stage. These devices have greater than RR input
common mode voltage range, rail-to-rail output and
high output current drive. They offer a bandwidth of
5 MHz and a slew rate of 5 V/µs.
On the LMV711 and LMV715, a separate shutdown
pin can be used to disable the device and reduces
the supply current to 0.2 µA (typical). They also
feature a turnon time of less than 10 µs. It is an ideal
solution for power-sensitive applications, such as
cellular phone, pager, palm computer, and so forth. In
addition, once the LMV715 is in shutdown the output
is tri-stated.
The LMV710 is offered in the space-saving, 5-pin
SOT-23 package. The LMV711 and LMV715 are
offered in the space saving 6-pin SOT-23 package.
The LMV71x-N devices are designed to meet the
demands of low power, low cost, and small size
required by cellular phones and similar battery-
powered portable electronics.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMV710-N
SOT-23 (5)
2.92 mm × 1.50 mm
LMV711-N
LMV715-N
SOT-23 (6)
2.92 mm × 1.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic – LMV711


Similar Part No. - LMV711-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV711-N TI-LMV711-N Datasheet
1Mb / 25P
[Old version datasheet]   LMV710-N/LMV711/LMV715 Low Power, RRIO Operational Amplifiers with High Output
More results

Similar Description - LMV711-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV710 TI-LMV710 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI1-TLV4110_13 Datasheet
1Mb / 35P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
   Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com