Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV710 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV710
Description  SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV710 Datasheet(HTML) 5 Page - Texas Instruments

  LMV710_15 Datasheet HTML 1Page - Texas Instruments LMV710_15 Datasheet HTML 2Page - Texas Instruments LMV710_15 Datasheet HTML 3Page - Texas Instruments LMV710_15 Datasheet HTML 4Page - Texas Instruments LMV710_15 Datasheet HTML 5Page - Texas Instruments LMV710_15 Datasheet HTML 6Page - Texas Instruments LMV710_15 Datasheet HTML 7Page - Texas Instruments LMV710_15 Datasheet HTML 8Page - Texas Instruments LMV710_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
Electrical Characteristics
LMV710, LMV711, LMV715
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
SLOS463A – APRIL 2005 – REVISED JULY 2005
Electrical Characteristics (continued)
V
CC+ = 2.7 V, VCC– = GND, VIC = 1.35 V, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
2.4
1.5
V(ON)
to 2.7
to 2.7
SHDN
Shutdown pin voltage range
25
°C
V
0
V(OFF)
0 to 1
to 0.8
Vn
Input referred voltage noise
f = 1 kHz
25
°C
20
nV/
√Hz
V
CC+ = 3.2 V, VCC– = GND, and VIC = 1.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
2.95
3
VOH
–40
°C to 85°C
2.92
VO
Output voltage
IO = 6.5 mA
V
25
°C
0.01
0.18
VOL
–40
°C to 85°C
0.25
5
Not Recommended for New Designs


Similar Part No. - LMV710_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV710-N TI-LMV710-N Datasheet
1Mb / 25P
[Old version datasheet]   LMV710-N/LMV711/LMV715 Low Power, RRIO Operational Amplifiers with High Output
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers
LMV710-N TI1-LMV710-N Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
LMV710-N TI1-LMV710-N_16 Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
LMV710IDBVR TI-LMV710IDBVR Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
More results

Similar Description - LMV710_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
logo
Analog Devices
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196 AD-OP196_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com