6 / 13 page
CY7C133
CY7C143
Document #: 38-06036 Rev. *B
Page 6 of 13
IOZ
Output Leakage
Current
GND < VO < VCC, Output Disabled
−5
+5
−5
−5
µA
IOS
Output Short Circuit
Current[6,7]
VCC = Max., VOUT = GND
−200
−200
mA
ICC
VCC Operating Supply
Current
CE = VIL,
Outputs Open, f = fMAX
[8]
Com’l
160
230
150
220
mA
Ind.
160
260
150
250
ISB1
Standby Current Both
Ports, TTL Inputs
CEL and CER > VIH, f = fMAX
[8] Com’l
30
50
20
40
mA
Ind.
30
65
20
55
ISB2
Standby Current One
Port, TTL Inputs
CEL or CER > VIH, Active Port
Outputs Open, f = fMAX
[8]
Com’l
85
125
75
110
mA
Ind.
85
140
75
125
ISB3
Standby Current Both
Ports, CMOS Inputs
Both Ports CEL and CER >
VCC - 0.2V, VIN > VCC – 0.2V
or VIN < 0.2V, f = 0
Com’l
3
15
3
15
mA
Ind.
3
15
3
15
ISB4
Standby Current One
Port, CMOS Inputs
One Port CEL or CER > VCC –
0.2V, VIN > VCC – 0.2V or
VIN < 0.2V, Active Port
Outputs Open, f = fMAX
[8]
Com’l
80
105
70
90
mA
Ind.
80
120
70
105
Capacitance[7]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
AC Test Loads and Waveforms
Electrical Characteristics Over the Operating Range (continued)
Parameter
Description
Test Conditions
7C133-35
7C143-35
7C133-55
7C143-55
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
3.0V
5V
OUTPUT
R1893
Ω
R2
347
Ω
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
90%
10%
5V
OUTPUT
R1893
Ω
R2
347
Ω
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
1.40V
Equivalent to:
THÉVENIN EQUIVALENT
5V
281
Ω
30 pF
BUSY
OR
INT
BUSY Output Load
(CY7C133 ONLY)
10%
ALL INPUT PULSES
250
Ω
< 3 ns
< 3 ns