Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC557-051321KI0T Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # DSC557-051321KI0T
Description  Crystal-less??Four Output PCIe Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC557-051321KI0T Datasheet(HTML) 5 Page - Micrel Semiconductor

  DSC557-051321KI0T Datasheet HTML 1Page - Micrel Semiconductor DSC557-051321KI0T Datasheet HTML 2Page - Micrel Semiconductor DSC557-051321KI0T Datasheet HTML 3Page - Micrel Semiconductor DSC557-051321KI0T Datasheet HTML 4Page - Micrel Semiconductor DSC557-051321KI0T Datasheet HTML 5Page - Micrel Semiconductor DSC557-051321KI0T Datasheet HTML 6Page - Micrel Semiconductor DSC557-051321KI0T Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC557-05
Page 5
DSC557-05
Crystal-less Four Output PCIe Clock Generator
OE Function and Output Waveform: HCSL
CLK+
CLK-
OE
80%
50%
20%
tR
tF
1/f0
675mV
VIL
VIH
tDA
tEN
OE1
OE2
CLK0
CLK1
CLK2
CLK3
0
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
1
Hi-Z
EN
EN
Hi-Z
1
0
EN
Hi-Z
Hi-Z
EN
1
1
EN
EN
EN
EN
CLK1/CLK2 Synchronous
CLK0/CLK3 Synchronous
Ordering Information
DSC557-05
Packing
T: Tape & Reel
4 4 K
Package
K: 20 QFN
Temp Range
E: -20 to 70
I: -40 to 85
L: -40 to 105
Stability
0: ±100ppm
1: ±50ppm
0
T
CLK 2 Output Format
1: LVCMOS
2: LVPECL
3: LVDS
4: HCSL
4
4
4
4
4
4
4
4
I
CLK 3 Output Format
1: LVCMOS
2: LVPECL
3: LVDS
4: HCSL
CLK 1 Output Format
1: LVCMOS
2: LVPECL
3: LVDS
4: HCSL
T
CLK 0 Output Format
1: LVCMOS
2: LVPECL
3: LVDS
4: HCSL


Similar Part No. - DSC557-051321KI0T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-03 MICREL-DSC557-03 Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE0-T MICREL-DSC557-0311FE0-T Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE0-T MICREL-DSC557-0311FE0-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE1-T MICREL-DSC557-0311FE1-T Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE1-T MICREL-DSC557-0311FE1-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
More results

Similar Description - DSC557-051321KI0T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-04 MICREL-DSC557-04 Datasheet
641Kb / 7P
   Crystal-less??Three Output PCIe Clock Generator
DSC400 MICREL-DSC400 Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
logo
Microchip Technology
DSC400 MICROCHIP-DSC400 Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC558-03 MICREL-DSC558-03 Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-03 MICREL-DSC557-03 Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC511-03 MICREL-DSC511-03 Datasheet
528Kb / 5P
   Crystal-less Two Output Clock Generator
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com