Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C133 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C133
Description  2K x 16 Dual-Port Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C133 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C133 Datasheet HTML 4Page - Cypress Semiconductor CY7C133 Datasheet HTML 5Page - Cypress Semiconductor CY7C133 Datasheet HTML 6Page - Cypress Semiconductor CY7C133 Datasheet HTML 7Page - Cypress Semiconductor CY7C133 Datasheet HTML 8Page - Cypress Semiconductor CY7C133 Datasheet HTML 9Page - Cypress Semiconductor CY7C133 Datasheet HTML 10Page - Cypress Semiconductor CY7C133 Datasheet HTML 11Page - Cypress Semiconductor CY7C133 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY7C133
CY7C143
Document #: 38-06036 Rev. *B
Page 8 of 13
Switching Waveforms
Read Cycle No.1 [21, 22]
Read Cycle No. 2 [21, 23]
Read Cycle No. 3 [22]
Note:
21. R/W is HIGH for read cycle.
22. Device is continuously selected, CE = VIL and OE = VIL.
23. Address valid prior to or coincidence with CE transition LOW.
tRC
tAA
tOHA
DATA VALID
PREVIOUS DATA VALID
DATA OUT
ADDRESS
Either Port Address Access
tACE
tLZOE
tDOE
tHZOE
tHZCE
DATA VALID
DATA OUT
CE
OE
tLZCE
tPU
ICC
ISB
tPD
Either Port CE/OE Access
tBHA
tBDD
VALID
tDDD
tWDD
ADDRESS MATCH
ADDRESS MATCH
R/WR
ADDRESS R
DINR
ADDRESS L
BUSYL
DOUTL
tPS
tBLA
Read with BUSY (for master CY7C133)
tRC
tPWE
VALID
tHD


Similar Part No. - CY7C133

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
CY7C1330AV25-200BGC CYPRESS-CY7C1330AV25-200BGC Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
CY7C1330AV25-200BGXC CYPRESS-CY7C1330AV25-200BGXC Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
CY7C1330AV25-250BGC CYPRESS-CY7C1330AV25-250BGC Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
CY7C1330AV25-250BGXC CYPRESS-CY7C1330AV25-250BGXC Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
More results

Similar Description - CY7C133

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_09 Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
   2K x 8 Automotive Dual-port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com