Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF26 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SF26
Description  SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SF26 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SF26 Datasheet HTML 1Page - Diode Semiconductor Korea SF26 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2 -- TYP ICAL FORW ARD CHARACTERIS TIC
FIG.3 -- FORW ARD DERATING CURV E
z
FIG.4 -- TYP ICAL JUNCTION CAP ACITANCE
FIG.5 -- P EAK FORW ARD S URGE CURRENT
A M B IE NT TE M P E RA TURE ,
NUM B E R OF CY CLE S A T 60Hz
RE V E RS E V OLTA GE ,V OLTS
SF21---SF28
FIG.1 -- TES T CIRCUIT DIAGRAM AND REV ERS E RECOV ERY TIM E CHARACTERIS TIC
SE T TIM E BA SE FOR 10 ns /c m
N OTES:1 .R ISE TIME = 7n s MAX.IN PU T IMPED AN C E = 1M
.2 2p F.
JJJJJ2.R ISE TIME =10 ns MAX.SOU R C E IMPED AN C E=5 0
.
INS TA NTA NE OUS FORW A RD V OLTA GE , V OLTS
t rr
-1 .0 A
-0 .2 5 A
0
+ 0 . 5 A
1c m
TJ=25
1
2
4
6
10
20
40
60
100
200
0.1 0.2
0.4
1
2
4
10
40
100
20
SF25-SF28
SF21-SF24
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
0.5
1.0
0
25
50
75
100
125
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm)Lead Length
0
175
1.5
2.0
2.5
3.0
0
20
60
1
10
100
30
5
8.3msSingleHalf
Sine-Wave
50
50
40
10
70
.6
.4
.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SF26

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF26 MOSPEC-SF26 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
Micro Commercial Compon...
SF26 MCC-SF26 Datasheet
189Kb / 4P
   2.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
Nanjing International G...
SF26 DGNJDZ-SF26 Datasheet
82Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Micro Commercial Compon...
SF26 MCC-SF26 Datasheet
94Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Shenzhen Yixinwei Techn...
SF26 YIXIN-SF26 Datasheet
262Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF26

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com