Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS34LV87T Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS34LV87T
Description  Enhanced CMOS Quad Differential Line Driver
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DS34LV87T Datasheet(HTML) 2 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7V
Enable Input Voltage (EN)
−0.5V to V
CC + 0.5V
Driver Input Voltage (D
I)
−0.5V to V
CC + 0.5V
Clamp Diode Current
±20 mA
DC Output Current, per pin
±150 mA
Driver Output Voltage
(Power Off: DO+, DO−)
−0.5V to +7V
Maximum Package Power Dissipation @+25˚C
M Package
1226 mW
Derate M Package
9.8 mW/˚C above +25˚C
Storage Temperature
Range
−65˚C to +150˚C
Lead Temperature Range
(Soldering, 4 sec.)
+260˚C
ESD Ratings
(HBM, 1.5k, 100 pF)
Driver Outputs
≥ 7kV
Other Pins
≥ 2.5 kV
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature Range (T
A)
DS34LV87T
−40
25
+85
˚C
Input Rise and Fall Time
500
ns
Electrical Characteristics (Notes 2, 3)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
OD1
Output Differential Voltage
R
L= , (No Load)
DO+,
3.3
4.0
V
V
OD2
Output Differential Voltage
R
L = 100
Ω Figure 1
DO−
2
2.6
V
∆V
OD2
Change in Magnitude of
−400
7
400
mV
Output Differential Voltage
V
OD3
Output Differential Voltage
R
L = 3900
Ω (V.11),
Figure 1 (Note 7)
3.2
3.5
V
V
OC
Common Mode Voltage
R
L = 100
Ω Figure 1
1.5
2
V
∆V
OC
Change in Magnitude of
−400
6
400
mV
Common Mode Voltage
I
OZ
TRI-STATE Leakage
V
OUT =VCC or GND
±0.5
±20
µA
Current
Drivers Disabled
I
SC
Output Short Circuit Current
V
OUT =0V
V
IN =VCC or GND (Note 4)
−40
−70
−150
mA
I
OFF
Output Leakage Current
V
CC= 0V, VOUT = 3V
0.03
100
µA
V
CC = 0V, VOUT = −0.25V
−0.08
−100
µA
V
IH
High Level Input Voltage
DI,
2.0
V
CC
V
V
IL
Low Level Input Voltage
EN
GND
0.8
V
I
IH
High Level Input Current
V
IN=VCC
10
µA
I
IL
Low Level Input Current
V
IN = GND
−10
µA
V
CL
Input Clamp Voltage
I
IN = −18 mA
−1.5
V
I
CC
Power Supply Current
No Load, V
IN (all) = VCC or GND
V
CC
100
µA
www.national.com
2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS26LV31T3V Enhanced CMOS Quad Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS26LV32AT3V Enhanced CMOS Quad Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS90LV031A-X3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34C87TCMOS Quad TRISTATE Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031B3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34LV86T3V Enhanced CMOS Quad Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS26C31M-XCMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV047A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
ST26C31CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn