Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS34LV87T Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS34LV87T
Description  Enhanced CMOS Quad Differential Line Driver
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DS34LV87T Datasheet(HTML) 5 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Parameter Measurement Information (Continued)
Typical Application Information
General application guidelines and hints for differential driv-
ers and receivers may be found in the following application
notes:
AN-214, AN-457, AN-805, AN-847, AN-903, AN-912,
AN-916.
Power Decoupling Recommendations:
Bypass caps must be used on power pins. High frequency
ceramic (surface mount is recommended) 0.1 µF in parallel
with 0.01 µF at the power supply pin. A 10 µF or greater
tantalum or electrolytic should be connected at the power
entry point on the printed circuit board.
01264506
FIGURE 5. Driver Single-Ended TRI-STATE Waveforms
01264507
R
T is optional although highly recommended to reduce reflection
01264508
FIGURE 6. Typical Driver Connection
www.national.com
5


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS26LV31T3V Enhanced CMOS Quad Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS26LV32AT3V Enhanced CMOS Quad Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS90LV031A-X3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34C87TCMOS Quad TRISTATE Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031B3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34LV86T3V Enhanced CMOS Quad Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS26C31M-XCMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV047A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
ST26C31CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn