Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1121CL5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC1121CL5
Description  Low-Jitter Precision CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1121CL5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC1121CL5 Datasheet HTML 1Page - Micrel Semiconductor DSC1121CL5 Datasheet HTML 2Page - Micrel Semiconductor DSC1121CL5 Datasheet HTML 3Page - Micrel Semiconductor DSC1121CL5 Datasheet HTML 4Page - Micrel Semiconductor DSC1121CL5 Datasheet HTML 5Page - Micrel Semiconductor DSC1121CL5 Datasheet HTML 6Page - Micrel Semiconductor DSC1121CL5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1101 | DSC1121
Page 1
MK-Q-B-P-D-110410-01-6
Low-Jitter Precision CMOS Oscillator
DSC1101
DSC1121
General Description
The DSC1101 & DSC1121 series of high
performance oscillators utilizes a proven
silicon MEMS technology to provide excellent
jitter and stability over a wide range of
supply voltages and temperatures.
By
eliminating the need for quartz or SAW
technology, MEMS oscillators significantly
enhance reliability and accelerate product
development, while meeting stringent clock
performance
criteria
for
a
variety
of
communications, storage, and networking
applications.
DSC1101 has a standby feature allowing it to
completely power-down when EN pin is
pulled low; whereas for DSC1121, only the
outputs are disabled when EN is low. Both
oscillators are available in industry standard
packages, including the small 3.2x2.5 mm2,
and are “drop-in” replacements for standard
4-pin CMOS quartz crystal oscillators.
Block Diagram
Output Enable Modes
EN Pin
DSC1101
DSC1121
High
Output Active
Output Active
NC
Output Active
Output Active
Low
Standby
Output Disabled
Features
 Low RMS Phase Jitter: <1 ps (typ)
 High Stability: ±10, ±25, ±50 ppm
 Wide Temperature Range
o
Automotive: -55° to 125° C
o
Ext. Industrial: -40° to 105° C
o
Industrial: -40° to 85° C
o
Ext. commercial: -20° to 70° C
 High Supply Noise Rejection: -50 dBc
 Short Lead Time: 2 Weeks
 Wide Freq. Range: 2.3 to 170 MHz
 Small Industry Standard Footprints
o
2.5x2.0, 3.2x2.5, 5.0x3.2, & 7.0x5.0 mm
 Excellent Shock & Vibration Immunity
o
Qualified to MIL-STD-883
 High Reliability
o
20x better MTF than quartz oscillators
 Low Current Consumption
 Supply Range of 2.25 to 3.6 V
 Standby & Output Enable Function
 Lead Free & RoHS Compliant
Applications
 Storage Area Networks
o
SATA, SAS, Fibre Channel
 Passive Optical Networks
o
EPON, 10G-EPON, GPON, 10G-PON
 Ethernet
o
1G, 10GBASE-T/KR/LR/SR, and FCoE
 HD/SD/SDI Video & Surveillance
 PCI Express
 DisplayPort


Similar Part No. - DSC1121CL5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1121CL5-T MICROCHIP-DSC1121CL5-T Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
More results

Similar Description - DSC1121CL5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
   Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
   Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
logo
Golledge Electronics Lt...
MCSO2F GOLLEDGE-MCSO2F_16 Datasheet
141Kb / 1P
   CMOS Oscillator Low Jitter
MCSOF GOLLEDGE-MCSOF_16 Datasheet
147Kb / 1P
   CMOS Oscillator Low Jitter
MCSO1F GOLLEDGE-MCSO1F_16 Datasheet
143Kb / 1P
   CMOS Oscillator Low Jitter
logo
EUROQUARTZ limited
EMEM1103 EUROQUARTZ-EMEM1103 Datasheet
431Kb / 4P
   Low Jitter Precision LVDS Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com