Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1121AL5 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # DSC1121AL5
Description  Low-Jitter Precision CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1121AL5 Datasheet(HTML) 6 Page - Micrel Semiconductor

  DSC1121AL5 Datasheet HTML 1Page - Micrel Semiconductor DSC1121AL5 Datasheet HTML 2Page - Micrel Semiconductor DSC1121AL5 Datasheet HTML 3Page - Micrel Semiconductor DSC1121AL5 Datasheet HTML 4Page - Micrel Semiconductor DSC1121AL5 Datasheet HTML 5Page - Micrel Semiconductor DSC1121AL5 Datasheet HTML 6Page - Micrel Semiconductor DSC1121AL5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1101 | DSC1121
Page 6
MK-Q-B-P-D-110410-01-6
DSC1101
Low-Jitter Precision CMOS Oscillator
DSC1121
3.2 x 2.5 mm Plastic Package
1
2
3
4
6
5
3.2±0.05 [0.126±0.002]
2.5±0.05 [0.098±0.002]
1
2
3
4
6
5
0.5±0.05 [0.198±0.002]
0.9±0.05 [0.035±0.002]
1.05 [0.041]
0.7±0.1 [0.079±0.002]
0.1[0.004] REF
0.9 [0.035] REF
0.85±0.05
0.9 [0.035]
1 [ 0.039]
0.9 [0.035] REF
1
3
4
Via to Power
Trace
Via to Ground
Plane
No.
Pin Terminal
1
Enable
2
N/C
3
Ground
4
5
N/C
6
VDD
OUT
6
EXTERNAL DIMENSIONS
Units: mm [ inches]
RECOMMENDED SOLDER PAD LAYOUT
Units: mm [ inches]
2.1[0.083]
2.5 x 2.0 mm Plastic Package
1
2
3
4
6
5
2.5±0.05 [0.098±0.002]
2.0±0.05 [0.079±0.002]
1
2
3
4
6
5
0.25±0.05 [0.099±0.002]
0.65±0.05 [0.026±0.002]
0.825 [0.032]
0.7±0.1 [0.079±0.002]
0.765±0.1
0.535 REF
0.6 REF
0.7±0.1 [0.079±0.002]
0.85±0.05
0.65±0.05 [0.026±0.002]
0.85
0.7 REF
1
2
3
4
5
6
Via to
Power Trace
Via to Ground
Plane
No.
Pin Terminal
1
Enable
2
N/C
3
Ground
4
5
N/C
6
VDD
OUT
EXTERNAL DIMENSIONS
Units: mm [ inches]
RECOMMENDED SOLDER PAD LAYOUT
Units: mm [ inches]
1.65[0.064]


Similar Part No. - DSC1121AL5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1121AL5-T MICROCHIP-DSC1121AL5-T Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
More results

Similar Description - DSC1121AL5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
   Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
   Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
logo
Golledge Electronics Lt...
MCSO2F GOLLEDGE-MCSO2F_16 Datasheet
141Kb / 1P
   CMOS Oscillator Low Jitter
MCSOF GOLLEDGE-MCSOF_16 Datasheet
147Kb / 1P
   CMOS Oscillator Low Jitter
MCSO1F GOLLEDGE-MCSO1F_16 Datasheet
143Kb / 1P
   CMOS Oscillator Low Jitter
logo
EUROQUARTZ limited
EMEM1103 EUROQUARTZ-EMEM1103 Datasheet
431Kb / 4P
   Low Jitter Precision LVDS Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com