Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1121NI5 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # DSC1121NI5
Description  Low-Jitter Precision CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1121NI5 Datasheet(HTML) 7 Page - Micrel Semiconductor

  DSC1121NI5 Datasheet HTML 1Page - Micrel Semiconductor DSC1121NI5 Datasheet HTML 2Page - Micrel Semiconductor DSC1121NI5 Datasheet HTML 3Page - Micrel Semiconductor DSC1121NI5 Datasheet HTML 4Page - Micrel Semiconductor DSC1121NI5 Datasheet HTML 5Page - Micrel Semiconductor DSC1121NI5 Datasheet HTML 6Page - Micrel Semiconductor DSC1121NI5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1101 | DSC1121
Page 7
MK-Q-B-P-D-110410-01-6
DSC1101
Low-Jitter Precision CMOS Oscillator
DSC1121
7.0 x 5.0 mm Plastic Package (no center pad)
1
2
3
4
6
5
7±0.10 [0.276±0.004]
5±0.10 [0.197±0.004]
1
2
3
4
6
5
0.85±0.05
1
3
4
Via to Power
Trace
Via to Ground
Plane
No.
Pin Terminal
1
Enable
2
N/C
3
Ground
4
5
N/C
6
VDD
OUT
6
EXTERNAL DIMENSIONS
Units: mm [ inches]
RECOMMENDED SOLDER PAD LAYOUT
Units: mm [ inches]
2.54 [0.100]
1.4±0.10 [0.055±0.004]
1.4 [0.055]
5.08 [0.100]
Disclaimer:
Micrel makes no representations or warranties with respect to the accuracy or completeness of the information furnished in this data sheet. This information is not intended as a
warranty and Micrel does not assume responsibility for its use. Micrel reserves the right to change circuitry, specifications and descriptions at any time without notice. No license,
whether express, implied, arising by estoppel or otherwise, to any intellectual property rights is granted by this document.
Except as provided in Micrel’s terms and conditions of
sale for such products, Micrel assumes no liability whatsoever, and Micrel disclaims any express or implied warranty relating to the sale and/or use of Micrel products including
liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to
result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose
failure to perform can be reasonably ex
pected to result in a significant injury to the user. A Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or
systems is a Purchaser’s own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale.
MICREL, Inc.
2180 Fortune Drive,
San Jose, California
95131
USA
Phone: +1 (408) 944-0800
Fax: +1 (408) 474-1000
● Email: hbwhelp@micrel.com
www.micrel.com


Similar Part No. - DSC1121NI5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1121NI5-T MICROCHIP-DSC1121NI5-T Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
More results

Similar Description - DSC1121NI5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
   Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
   Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
logo
Golledge Electronics Lt...
MCSO2F GOLLEDGE-MCSO2F_16 Datasheet
141Kb / 1P
   CMOS Oscillator Low Jitter
MCSOF GOLLEDGE-MCSOF_16 Datasheet
147Kb / 1P
   CMOS Oscillator Low Jitter
MCSO1F GOLLEDGE-MCSO1F_16 Datasheet
143Kb / 1P
   CMOS Oscillator Low Jitter
logo
EUROQUARTZ limited
EMEM1103 EUROQUARTZ-EMEM1103 Datasheet
431Kb / 4P
   Low Jitter Precision LVDS Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com