Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3872ESX-1.8/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3872ESX-1.8/NOPB
Description  1.5-A Fast Ultra-Low-Dropout Linear Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3872ESX-1.8/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP3872ESX-1.8/NOPB Datasheet HTML 1Page - Texas Instruments LP3872ESX-1.8/NOPB Datasheet HTML 2Page - Texas Instruments LP3872ESX-1.8/NOPB Datasheet HTML 3Page - Texas Instruments LP3872ESX-1.8/NOPB Datasheet HTML 4Page - Texas Instruments LP3872ESX-1.8/NOPB Datasheet HTML 5Page - Texas Instruments LP3872ESX-1.8/NOPB Datasheet HTML 6Page - Texas Instruments LP3872ESX-1.8/NOPB Datasheet HTML 7Page - Texas Instruments LP3872ESX-1.8/NOPB Datasheet HTML 8Page - Texas Instruments LP3872ESX-1.8/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LP3872, LP3875
www.ti.com
SNVS227H – FEBRUARY 2003 – REVISED JANUARY 2015
6.5 Electrical Characteristics
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 10 mA, COUT = 10 µF, VSD = 2 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Output voltage tolerance (3)
VOUT +1 V ≤ VIN ≤ 7 V, 10 mA ≤ IL ≤ 1.5 A
–1.5%
0%
1.5%
VOUT
VOUT +1 V ≤ VIN ≤ 7 V, 10 mA ≤ IL ≤ 1.5 A,
–3%
3%
–40°C
≤ TJ ≤ 125°C
Output voltage line regulation (3)
VOUT + 1 V ≤ VIN ≤ 7 V
0.02%
ΔVOL
VOUT + 1 V ≤ VIN ≤ 7 V, –40°C ≤ TJ ≤ 125°C
0.06%
Output voltage load regulation (3)
10 mA
≤ IL ≤ 1.5 A
0.06%
ΔVO/
ΔIOUT
10 mA
≤ IL ≤ 1.5 A, –40°C ≤ TJ ≤ 125°C
0.12%
IL = 150 mA
38
50
IL = 150 mA, –40°C ≤ TJ ≤ 125°C
60
VIN -
Dropout voltage (4)
mV
VOUT
IL = 1.5 A
380
450
IL = 1.5 A, –40°C ≤ TJ ≤ 125°C
550
IL = 150 mA
5
9
IL = 150 mA,–40°C ≤ TJ ≤ 125°C
10
Ground pin current in normal
IGND
mA
operation mode
IL = 1.5 A
6
14
IL = 1.5 A, –40°C ≤ TJ ≤ 125°C
15
Ground pin current in shutdown
VSD ≤ 0.3 V
0.01
10
µA
IGND
mode
–40°C
≤ TJ ≤ 85°C
50
IO(PK)
Peak output current
VOUT ≥ VO(NOM) – 4%
1.8
A
SHORT CIRCUIT PROTECTION
ISC
Short-circuit current
3.2
A
SHUTDOWN INPUT
Output = High
VIN
Output = High, –40°C
≤ TJ ≤ 125°C
2
VSDT
Shutdown threshold
V
Output = Low
0
Output = Low, –40°C
≤ TJ ≤ 125°C
0.3
TdOFF
Turnoff delay
IL = 1.5 A
20
µs
TdON
Turnon delay
IL = 1.5 A
25
µs
ISD
SD input current
VSD = VIN
1
nA
ERROR FLAG
Threshold
See(5)
10%
VT
See(5), –40°C
≤ TJ ≤ 125°C
5%
16%
Threshold hysteresis
See(5)
5%
VTH
See(5), –40°C
≤ TJ ≤ 125°C
2%
8%
ERROR flag saturation
Isink = 100 µA
0.02
VEF(Sat)
V
Isink = 100 µA, –40°C ≤ TJ ≤ 125°C
0.1
Td
Flag reset delay
1
µs
Ilk
ERROR flag pin leakage current
1
nA
Imax
ERROR flag pin sink current
VError = 0.5 V
1
mA
(1)
Limits are specified by testing, design, or statistical correlation.
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current. The line
and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the
output voltage tolerance specification.
(4)
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5 V and above. For output voltages below 2.5 V, the dropout voltage is
nothing but the input to output differential, because the minimum input voltage is 2.5 V.
(5)
ERROR Flag threshold and hysteresis are specified as percentage of regulated output voltage. See ERROR Flag Operation.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3872 LP3875


Similar Part No. - LP3872ESX-1.8/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3872ESX-1.8/NOPB TI1-LP3872ESX-1.8/NOPB Datasheet
2Mb / 25P
[Old version datasheet]   LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3872ESX-1.8/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3852 TI-LP3852_15 Datasheet
2Mb / 32P
[Old version datasheet]   1.5-A Fast Response Ultra-Low Dropout Linear Regulators
LP3872 TI-LP3872_15 Datasheet
2Mb / 28P
[Old version datasheet]   LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3871 TI-LP3871_15 Datasheet
1Mb / 26P
[Old version datasheet]   LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com