Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2980IM5X-3.3 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP2980IM5X-3.3
Description  Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2980IM5X-3.3 Datasheet(HTML) 4 Page - Texas Instruments

  LP2980IM5X-3.3 Datasheet HTML 1Page - Texas Instruments LP2980IM5X-3.3 Datasheet HTML 2Page - Texas Instruments LP2980IM5X-3.3 Datasheet HTML 3Page - Texas Instruments LP2980IM5X-3.3 Datasheet HTML 4Page - Texas Instruments LP2980IM5X-3.3 Datasheet HTML 5Page - Texas Instruments LP2980IM5X-3.3 Datasheet HTML 6Page - Texas Instruments LP2980IM5X-3.3 Datasheet HTML 7Page - Texas Instruments LP2980IM5X-3.3 Datasheet HTML 8Page - Texas Instruments LP2980IM5X-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LP2980-N
SNOS733O – APRIL 2000 – REVISED JUNE 2015
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
All pins except 3 and 4
±2000
Electrostatic
Human-body model (HBM), per
V(ESD)
V
discharge
ANSI/ESDA/JEDEC JS-001(1)
Pins 3 and 4
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating junction temperature
−40
125
°C
Input supply voltage (operating)
2.1
16
V
6.4 Thermal Information
LP2980-N
THERMAL METRIC(1)
DBV
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
175.7
RθJC(top)
Junction-to-case (top) thermal resistance
78
RθJB
Junction-to-board thermal resistance
30.8
°C/W
ψJT
Junction-to-top characterization parameter
2.8
ψJB
Junction-to-board characterization parameter
30.3
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 1 mA, COUT = 1 μF, VON/OFF = 2 V.
(1)
LP2980AI-XX(2)
LP2980I-XX(2)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IL = 1 mA
−0.5
0.5
−1
1
Output voltage
1 mA < IL < 50 mA
−0.75
0.75
−1.5
1.5
ΔVO
%VNOM
tolerance
1 mA < IL < 50 mA
−2.5
2.5
−3.5
3.5
–40°C
≤ TJ ≤ 125°C
VO(NOM) + 1 V ≤ VIN ≤ 16 V
0.007
0.014
0.007
0.014
Output voltage line
%/V
VO(NOM) + 1 V ≤ VIN ≤ 16 V
regulation
0.007
0.032
0.007
0.032
–40°C
≤ TJ ≤ 125°C
IL = 0
1
3
1
3
IL = 0, –40°C ≤ TJ ≤ 125°C
1
5
1
5
IL = 1 mA
7
10
7
10
IL = 1 mA, –40°C ≤ TJ ≤ 125°C
7
15
7
15
VIN – VO
Dropout voltage(3)
mV
IL = 10 mA
40
60
40
60
IL = 10 mA, –40°C ≤ TJ ≤ 125°C
40
90
40
90
IL = 50 mA
120
150
120
150
IL = 50 mA, –40°C ≤ TJ ≤ 125°C
120
225
120
225
(1)
Minimum and maximum limits are ensured through test, design, or statistical correlation over the junction temperature (TJ) range of
–40°C to 125°C, unless otherwise stated. Typical values represent the most likely parametric norm at TA = 25°C, and are provided for
reference purposes only.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1-V differential.
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP2980-N


Similar Part No. - LP2980IM5X-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980IM5X-3.3 NSC-LP2980IM5X-3.3 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2980IM5X-3.3 TI1-LP2980IM5X-3.3 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5X-3.3 TI-LP2980IM5X-3.3 Datasheet
1Mb / 25P
[Old version datasheet]   Ultra Low Dropout Voltage, Output Voltage Accuracy 0.5% (A Grade)
LP2980IM5X-3.3 TI1-LP2980IM5X-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5X-3.3 TI-LP2980IM5X-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
More results

Similar Description - LP2980IM5X-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2982 TI-LP2982_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2982 Micropower 50 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980IM5-3.3 TI-LP2980IM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980AIM5-3.3 TI-LP2980AIM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980AIM5-5.0 TI-LP2980AIM5-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5-33 TI1-LP2981AIM5-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com