Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2989ILD-2.5 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2989ILD-2.5
Description  Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2989ILD-2.5 Datasheet(HTML) 5 Page - Texas Instruments

  LP2989ILD-2.5 Datasheet HTML 1Page - Texas Instruments LP2989ILD-2.5 Datasheet HTML 2Page - Texas Instruments LP2989ILD-2.5 Datasheet HTML 3Page - Texas Instruments LP2989ILD-2.5 Datasheet HTML 4Page - Texas Instruments LP2989ILD-2.5 Datasheet HTML 5Page - Texas Instruments LP2989ILD-2.5 Datasheet HTML 6Page - Texas Instruments LP2989ILD-2.5 Datasheet HTML 7Page - Texas Instruments LP2989ILD-2.5 Datasheet HTML 8Page - Texas Instruments LP2989ILD-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LP2989
www.ti.com
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating junction temperature
–40
125
°C
Operating input supply voltage
2.1
16
V
6.4 Thermal Information
LP2989
THERMAL METRIC(1)
WSON (NGN)
SOIC (D)
VSSOP (DGK)
UNIT
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance, High-K
34.8
114.5
156.5
RθJC(top)
Junction-to-case (top) thermal resistance
28.4
61.1
51.0
RθJB
Junction-to-board thermal resistance
12.0
55.6
76.5
°C/W
ψJT
Junction-to-top characterization parameter
0.2
9.7
4.9
ψJB
Junction-to-board characterization parameter
12.2
54.9
75.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.3
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
Unless otherwise specified: TJ = 25°C, VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VSD = 2 V.
LP2989AI-X.X(1)
LP2989I-X.X (1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
−0.75
0.75
−1.25
1.25
1 mA < IOUT < 500 mA,
VOUT(NOM) + 1 V ≤ VIN ≤ 16
−1.5
1.5
−2.5
2.5
V
1 mA < IOUT < 500 mA,
VOUT
Output voltage tolerance
%VNOM
VOUT(NOM) + 1 V ≤ VIN ≤ 16
−4
2.5
−5
3.5
V, –40°C
≤ TJ ≤ 125°C
1 mA < IOUT < 500 mA,
VOUT(NOM) + 1 V ≤ VIN ≤ 16
−3.5
2.5
−4.5
3.5
V,
−25°C ≤ TJ ≤ 125°C
VOUT(NOM) + 1 V ≤ VIN ≤ 16
0.005
0.014
0.005
0.014
V
Output voltage line
ΔVOUT/ΔVIN
%/V
regulation
VOUT(NOM) + 1 V ≤ VIN ≤ 16
0.005
0.032
0.005
0.032
V, –40°C
≤ TJ ≤ 125°C
ΔVOUT/ΔIOUT Load regulation
1 mA < IOUT < 500 mA
0.4
0.4
%VNOM
IOUT = 100 µA
1
3
1
3
mV
IOUT = 100 µA, –40°C ≤ TJ
1
4
1
4
125°C
IOUT = 200 mA
150
200
150
200
VIN – VOUT
Dropout voltage(2)
mV
IOUT = 200 mA, –40°C ≤ TJ
150
300
150
300
≤ 125°C
IOUT = 500 mA
310
425
310
425
mV
IOUT = 500 mA, –40°C ≤ TJ
310
650
310
650
≤ 125°C
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
(2)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1-V differential.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2989


Similar Part No. - LP2989ILD-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2989ILD-2.5 NSC-LP2989ILD-2.5 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
More results

Similar Description - LP2989ILD-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2989LV TI-LP2989LV_15 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com