Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2967 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP2967
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2967 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2967 Datasheet HTML 6Page - Texas Instruments LP2967 Datasheet HTML 7Page - Texas Instruments LP2967 Datasheet HTML 8Page - Texas Instruments LP2967 Datasheet HTML 9Page - Texas Instruments LP2967 Datasheet HTML 10Page - Texas Instruments LP2967 Datasheet HTML 11Page - Texas Instruments LP2967 Datasheet HTML 12Page - Texas Instruments LP2967 Datasheet HTML 13Page - Texas Instruments LP2967 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Typical Performance Characteristics Unless otherwise specified: C
IN = 1µF, COUT = 4.7µF, VON/OFF
= 1.6V, I
L = 1mA, TA = 25˚C. (Continued)
Short Circuit Current vs V
OUT
Short Circuit Current vs Time
10114258
10114259
Short Circuit Current
Line Transient Reponse
10114260
10114222
Line Transient Reponse
Line Transient Reponse
10114223
10114224
www.national.com
9


Similar Part No. - LP2967

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
LP2967IBP-1825 NSC-LP2967IBP-1825 Datasheet
612Kb / 17P
   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
LP2967IBP-1833 NSC-LP2967IBP-1833 Datasheet
612Kb / 17P
   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
LP2967IBP-2528 NSC-LP2967IBP-2528 Datasheet
612Kb / 17P
   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
LP2967IBP-2533 NSC-LP2967IBP-2533 Datasheet
612Kb / 17P
   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
More results

Similar Description - LP2967

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
LP3986 NSC-LP3986 Datasheet
328Kb / 13P
   Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
National Semiconductor ...
LP2985LV_0406 NSC-LP2985LV_0406 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
LP2985LV NSC-LP2985LV Datasheet
546Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
logo
Texas Instruments
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3986 TI-LP3986_15 Datasheet
996Kb / 18P
[Old version datasheet]   LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com