Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC074CD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC074CD
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC074CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC074CD Datasheet HTML 6Page - Texas Instruments TLC074CD Datasheet HTML 7Page - Texas Instruments TLC074CD Datasheet HTML 8Page - Texas Instruments TLC074CD Datasheet HTML 9Page - Texas Instruments TLC074CD Datasheet HTML 10Page - Texas Instruments TLC074CD Datasheet HTML 11Page - Texas Instruments TLC074CD Datasheet HTML 12Page - Texas Instruments TLC074CD Datasheet HTML 13Page - Texas Instruments TLC074CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS219F − JUNE 1999 − REVISED DECEMBER 2011
10
WWW.TI.COM
operating characteristics at specified free-air temperature, VDD = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
SR
Positive slew rate at unity gain
VO(PP) = 2 V,
CL = 50 pF,
25°C
10
16
V/ s
SR+
Positive slew rate at unity gain
VO(PP) = 2 V,
RL = 10 kΩ
CL = 50 pF,
Full range
9.5
V/μs
SR
Negative slew rate at unity gain
VO(PP) = 2 V,
CL = 50 pF,
25°C
12.5
19
V/ s
SR−
Negative slew rate at unity gain
VO(PP) = 2 V,
RL = 10 kΩ
CL = 50 pF,
Full range
10
V/μs
V
Equivalent input noise voltage
f = 100 Hz
25°C
12
nV/√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25°C
7
nV/√Hz
In
Equivalent input noise current
f = 1 kHz
25°C
0.6
fA /√Hz
VO(PP) = 8 V,
AV = 1
0.002%
THD + N
Total harmonic distortion plus noise
VO(PP) = 8 V,
RL = 10 kΩ and 250 Ω, AV = 10
25°C
0.005%
THD + N
Total harmonic distortion plus noise
RL 10 kΩ and 250 Ω,
f = 1 kHz
AV = 100
25 C
0.022%
t(on)
Amplifier turn-on time
R
10 kΩ
25°C
0.47
μs
t(off)
Amplifier turn-off time
RL = 10 kΩ
25°C
2.5
μs
Gain-bandwidth product
f = 10 kHz,
RL = 10 kΩ
25°C
10
MHz
V(STEP)PP = 1 V,
AV = −1,
0.1%
0.17
t
Settling time
AV = −1,
CL = 10 pF,
RL = 10 kΩ
0.01%
25°C
0.22
s
ts
Settling time
V(STEP)PP = 1 V,
AV = −1,
0.1%
25°C
0.17
μs
AV = −1,
CL = 47 pF,
RL = 10 kΩ
0.01%
0.29
φ
Phase margin
RL = 10 kΩ,
CL = 50 pF
25°C
37°
φm
Phase margin
RL = 10 kΩ,
CL = 0 pF
25°C
42°
Gain margin
RL = 10 kΩ,
CL = 50 pF
25°C
3.1
dB
Gain margin
RL = 10 kΩ,
CL = 0 pF
25°C
4
dB
Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.
Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply current
has reached half its final value.


Similar Part No. - TLC074CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC074CD TI-TLC074CD Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC074CD TI-TLC074CD Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE BAND WIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC074CD TI-TLC074CD Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC074CDG4 TI-TLC074CDG4 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC074CDG4 TI-TLC074CDG4 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC074CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com