Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1122BL1 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # DSC1122BL1
Description  Low-Jitter Precision LVPECL Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1122BL1 Datasheet(HTML) 7 Page - Micrel Semiconductor

  DSC1122BL1 Datasheet HTML 1Page - Micrel Semiconductor DSC1122BL1 Datasheet HTML 2Page - Micrel Semiconductor DSC1122BL1 Datasheet HTML 3Page - Micrel Semiconductor DSC1122BL1 Datasheet HTML 4Page - Micrel Semiconductor DSC1122BL1 Datasheet HTML 5Page - Micrel Semiconductor DSC1122BL1 Datasheet HTML 6Page - Micrel Semiconductor DSC1122BL1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1102 | DSC1122
Page 7
MK-Q-B-P-D-110410-02-6
DSC1102
Low-Jitter Precision LVPECL Oscillator
DSC1122
7.0 x 5.0 mm Plastic Package
1
2
3
4
6
5
7±0.10 [0.276±0.004]
5±0.10 [0.197±0.004]
1
2
3
4
6
5
0.85±0.05
1
2
3
4
5
2.54[0.100]
Via to Power
Trace
Via to Ground
Plane
No.
Pin Terminal
1
Enable
2
N/C
3
Ground
4
5
OUT-
6
VDD
OUT
6
EXTERNAL DIMENSIONS
Units: mm [ inches]
RECOMMENDED SOLDER PAD LAYOUT
Units: mm [ inches]
2.54 [0.100]
1.4±0.10 [0.055±0.004]
1.4 [0.055]
Disclaimer:
Micrel makes no representations or warranties with respect to the accuracy or completeness of the information furnished in this data sheet. This information is not intended as a
warranty and Micrel does not assume responsibility for its use. Micrel reserves the right to change circuitry, specifications and descriptions at any time without notice. No license,
whether express, implied, arising by estoppel or otherwise, to any intellectual property rights is granted by this document.
Except as provided in Micrel’s terms and conditions of
sale for such products, Micrel assumes no liability whatsoever, and Micrel disclaims any express or implied warranty relating to the sale and/or use of Micrel products including
liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to
result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose
failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or
systems is a Purchaser’s own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale.
MICREL, Inc.
2180 Fortune Drive,
San Jose, California
95131
USA
Phone: +1 (408) 944-0800
Fax: +1 (408) 474-1000
● Email: hbwhelp@micrel.com
www.micrel.com


Similar Part No. - DSC1122BL1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1122BL1-T MICROCHIP-DSC1122BL1-T Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
More results

Similar Description - DSC1122BL1

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
Micrel Semiconductor
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
   Programmable Low-Jitter Precision LVPECL Oscillator
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014_12 Datasheet
436Kb / 15P
   Low Jitter LVPECL Crystal Oscillator
logo
Micrel Semiconductor
DSC2020 MICREL-DSC2020 Datasheet
629Kb / 5P
   Low-Jitter Configurable LVPECL Oscillator
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014 Datasheet
630Kb / 16P
   Low Jitter LVPECL Crystal Oscillator
CY2X014_V2 CYPRESS-CY2X014_V2 Datasheet
410Kb / 14P
   Low Jitter LVPECL Crystal Oscillator
logo
Micrel Semiconductor
DSC2042 MICREL-DSC2042 Datasheet
527Kb / 6P
   Low-Jitter Configurable HCSL-LVPECL Oscillator
DSC2022 MICREL-DSC2022 Datasheet
636Kb / 6P
   Low-Jitter Configurable Dual LVPECL Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com