Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV6H24XSSG2H Datasheet(PDF) 1 Page - E-SWITCH

Part # PV6H24XSSG2H
Description  pV6 SerieS anti-Vandal Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV6H24XSSG2H Datasheet(HTML) 1 Page - E-SWITCH

  PV6H24XSSG2H Datasheet HTML 1Page - E-SWITCH PV6H24XSSG2H Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Security Devices
Industrial Controls
Electrical Housewares
Kiosks
SpecificationS
part number configurator
featureS & benefitS
applicationS / marketS
pV6 SerieS anti-Vandal Switch
Specifications subject to change without notice
• 16mm diameter panel cutout
• RGB LED option
• Dot or ring illumination options available
• Multiple actuator options
• Pilot indicator option
• IP65 rated, Off-(On), SPST
Electrical Rating: 2A, 48VDC
Mechanical Life: 1,000,000 Cycles
Electrical Life: 50,000 Cycles
Contact Resistance: 50mΩ Max.
Insulation Resistance: 1000 MΩ Min.
Dielectric Strength: 2,000VAC
Operating/Storage Temperature: -20°C to 55°C
Travel: 1.50mm
Moisture Protection: IP65
Contact Arrangement: SPST Off-(On)
Actuation Force: 400 gf
Panel Thickness: 1-10mm
Mounting Nut Torque: 5-14Nm
PV6
F - Flat
H - High
0 - 2A,
48VDC
X - Pilot
Indicator
N - Nickel
Plated
S - Stainless
Steel
1 - Black
Anodized
NONE - Silver
G - Gold
Series
Actuator
Options
Rating
Options
Body
Finish
Options
Contact
Material
Options
Medical Equipment
2 - Solder
Terminal
Options
4 - Off - (On)*
P - Pilot
Indicator**
Function
Options
N - Nickel
Plated
S - Stainless
Steel
1 - Black
Anodized
Actuator
Finish
Options
NONE - Non-
Illuminated
2 - Dot
Illumination
3 - Ring
Illumination
Lens
Style
Options
NONE- Non-
Illuminated
0 - White
1 - Red
2 - Orange
3 - Green
4 - Blue
5 - Yellow
F - Red/Orange
G - Red/Green
H - Red/Blue
J - Red/Yellow
K - Orange/Green
L - Orange/Blue
M - Orange/Yellow
R - RGB
LED-
Color
Options
NONE - Non-
Illuminated
1 - Base Voltage/
Illumination
Voltage
Options
NOTES:
*(On) denotes function is momentary
**Pilot indicator does not have internal switch contacts, only illumination
/Base voltage for LED colors red, yellow, and orange is 1.8V @ 20mA
/Base voltage for LED colors blue, green and white is 2.8V @ 20mA


Similar Part No. - PV6H24XSSG2H

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV6 E-SWITCH-PV6 Datasheet
111Kb / 1P
   Vandal and Water Resistant, Long Life Expectancy CONTACT RESISTANCE: 50mOHM Max.
logo
PANDUIT CORP.
PV6-10R PANDUIT-PV6-10R Datasheet
58Kb / 1P
   6 BARREL V NYL INSULATED RING TONGUE 340 8.64 MAX WIRE INSUL DIAMETER
PV6-12R PANDUIT-PV6-12R Datasheet
58Kb / 1P
   6 BARREL V NYL INSULATED RING TONGUE 340 8.64 MAX WIRE INSUL DIAMETER
PV6-14R PANDUIT-PV6-14R Datasheet
58Kb / 1P
   6 BARREL V NYL INSULATED RING TONGUE 340 8.64 MAX WIRE INSUL DIAMETER
PV6-38R PANDUIT-PV6-38R Datasheet
58Kb / 1P
   6 BARREL V NYL INSULATED RING TONGUE 340 8.64 MAX WIRE INSUL DIAMETER
More results

Similar Description - PV6H24XSSG2H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
   Anti-Vandal Switch
11/09/20
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
   Anti-Vandal Switch
11/09/20V1.0
logo
E-SWITCH
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
   ULV8 Series Anti-vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
   pV9 SerieS anti-Vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
   ulV7 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
   ULV4 Series Anti-vandal Switch
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
   pV0 SerieS anti-Vandal Switch
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
   PVK4 Series Anti-vandal Switch
11.29.2022
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
   Anti-Vandal Sealed Pushbutton Switch
2022
ATP22 CK-COMPONENTS-ATP22 Datasheet
332Kb / 3P
   Anti-Vandal Sealed Pushbutton Switch
5 May 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com