Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC557-052331KE0T Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # DSC557-052331KE0T
Description  Crystal-less??Four Output PCIe Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC557-052331KE0T Datasheet(HTML) 2 Page - Micrel Semiconductor

  DSC557-052331KE0T Datasheet HTML 1Page - Micrel Semiconductor DSC557-052331KE0T Datasheet HTML 2Page - Micrel Semiconductor DSC557-052331KE0T Datasheet HTML 3Page - Micrel Semiconductor DSC557-052331KE0T Datasheet HTML 4Page - Micrel Semiconductor DSC557-052331KE0T Datasheet HTML 5Page - Micrel Semiconductor DSC557-052331KE0T Datasheet HTML 6Page - Micrel Semiconductor DSC557-052331KE0T Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC557-05
Page 2
DSC557-05
Crystal-less Four Output PCIe Clock Generator
Specifications (Unless specified otherwise: T=25° C, VDD =3.3V)
Notes:
1.
Each VDD pin should be filtered with 0.01uf capacitor.
2.
Output is enabled if OE pin is floated or not connected.
3.
tsu is time to 100PPM stable output frequency after VDD is applied and outputs are enabled.
4.
Output Waveform and Connection Diagram define the parameters.
5.
Period Jitter includes crosstalk from adjacent output.
6.
Contact Sales@Discera.com for alternate output options (LVPECL, LVDS, LVCMOS).
7.
Contact Sales@Discera.com for alternative frequency options
8.
Jitter limits established by Gen 1.1, Gen 2.1, and Gen 3.0 PCIe standards.
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply Voltage1
VDD
2.25
3.6
V
Supply Current
IDD
EN pin low – outputs are
disabled
42
46
mA
Supply Current2
(Four HCSL Outputs)
IDD
EN pin high – outputs are
enabled
RL=50 Ω,
FO1=FO2=FO3= FO4=100 MHz
120
mA
Frequency Stability
Δf
Includes frequency variations
due to initial tolerance, temp.
and power supply voltage
±100
ppm
±50
Startup Time3
tSU
T=25°C
5
ms
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75xVDD
-
-
0.25xVDD
V
Output Disable Time4
tDA
5
ns
Output Enable Time
tEN
20
ns
Pull-Up Resistor2
Pull-up on OE pin
40
HCSL Outputs6
Parameter
Condition
Min.
Typ.
Max.
Unit
Output Logic Levels
Output logic high
Output logic low
VOH
VOL
RL=50Ω
0.725
-
-
0.1
V
Pk to Pk Output Swing
Single-Ended
750
mV
Output Transition time4
Rise Time
Fall Time
tR
tF
20% to 80%
RL=50Ω, CL= 2pF
200
400
ps
Frequency
f0
Single Frequency
2.3
1007
460
MHz
Output Duty Cycle
SYM
Differential
48
52
%
Period Jitter5
JPER
FO1=FO2= FO3 = FO4 =100 MHz
2.5
psRMS
Jitter, Phase
(Common Clock
Architecture)
TJ
PCIe Gen 1.1
22.7
86.08
psp-p
JRMS-CCHF
PCIe Gen 2.1, 1.5MHz to Nyquist
2.20
3.18
psRMS
JRMS-CCLF
PCIe Gen 2.1, 10 kHz to 1.5 MHz
0.08
3.08
psRMS
JRMS-CC
PCIe Gen 3.0
0.37
1.08
psRMS
Integrated Phase Noise
(Data Clock
Architecture)
JRMS-DCHF
PCIe Gen 2.1, 1.5MHz to Nyquist
2.15
4.08
psRMS
JRMS-DCLF
PCIe Gen 2.1, 10 kHz to 1.5 MHz
0.06
7.58
psRMS
JRMS-DC
PCIe Gen 3.0
0.32
1.08
psRMS


Similar Part No. - DSC557-052331KE0T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-03 MICREL-DSC557-03 Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE0-T MICREL-DSC557-0311FE0-T Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE0-T MICREL-DSC557-0311FE0-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE1-T MICREL-DSC557-0311FE1-T Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE1-T MICREL-DSC557-0311FE1-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
More results

Similar Description - DSC557-052331KE0T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-04 MICREL-DSC557-04 Datasheet
641Kb / 7P
   Crystal-less??Three Output PCIe Clock Generator
DSC400 MICREL-DSC400 Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
logo
Microchip Technology
DSC400 MICROCHIP-DSC400 Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC558-03 MICREL-DSC558-03 Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-03 MICREL-DSC557-03 Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC511-03 MICREL-DSC511-03 Datasheet
528Kb / 5P
   Crystal-less Two Output Clock Generator
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com