Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1004CI5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC1004CI5
Description  Low-Power Precision CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1004CI5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC1004CI5 Datasheet HTML 1Page - Micrel Semiconductor DSC1004CI5 Datasheet HTML 2Page - Micrel Semiconductor DSC1004CI5 Datasheet HTML 3Page - Micrel Semiconductor DSC1004CI5 Datasheet HTML 4Page - Micrel Semiconductor DSC1004CI5 Datasheet HTML 5Page - Micrel Semiconductor DSC1004CI5 Datasheet HTML 6Page - Micrel Semiconductor DSC1004CI5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
All Rights Reserved. No part of this document may be copied or reproduced in any form without the prior written permission of Micrel, Inc. Micrel Inc. may update or make changes
to the contents, products, programs or services described at any time without notice. This document neither states nor implies any kind of warranty, including, but not limited to
implied warranties of merchantability or fitness for a particular use.
Page 4
MK-Q-B-P-D-083010-02-4
DSC1004
1.8~3.3V
Low-Power Precision Oscillator
Output Waveform
Standby Function
Standby#
(pin 1)
Output
(pin 3)
Hi Level
Output ON
Open
(no connect)
Output ON
Low Level
High Impedance
Test Circuit
0.01uF
VDD
40pF
IDD
*VSD
4
1
2
3
*VSD = Standby# Logic Level Input
VOH
VOL
VIL
1/fo
Output
Standby#
tDA
tEN
tF
tR
VIH


Similar Part No. - DSC1004CI5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1004CI5-T MICROCHIP-DSC1004CI5-T Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
More results

Similar Description - DSC1004CI5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1003 MICREL-DSC1003 Datasheet
757Kb / 7P
   Low-Power Precision CMOS Oscillator
DSC1001 MICREL-DSC1001 Datasheet
644Kb / 7P
   Low-Power Precision CMOS Oscillator
DSC8001 MICREL-DSC8001 Datasheet
611Kb / 8P
   Programmable Low-Power Precision CMOS Oscillator
DSC8003 MICREL-DSC8003 Datasheet
546Kb / 7P
   Programmable Low-Power Precision CMOS Oscillator
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
   Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
   Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
   Low Power Precision CMOS
logo
Microchip Technology
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
   Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com