Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1001BE5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # DSC1001BE5
Description  Low-Power Precision CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1001BE5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  DSC1001BE5 Datasheet HTML 1Page - Micrel Semiconductor DSC1001BE5 Datasheet HTML 2Page - Micrel Semiconductor DSC1001BE5 Datasheet HTML 3Page - Micrel Semiconductor DSC1001BE5 Datasheet HTML 4Page - Micrel Semiconductor DSC1001BE5 Datasheet HTML 5Page - Micrel Semiconductor DSC1001BE5 Datasheet HTML 6Page - Micrel Semiconductor DSC1001BE5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
MK-Q-B-P-D-050610-01-9
DSC1001
1.8~3.3V
Low-Power Precision CMOS Oscillator
VDD = 1.8v
VDD = 2.5v
VDD = 3.3v
Notes:
1.
Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be
operated beyond these limits.
2.
tSU is time to stable output frequency after VDD is applied. tSU and tEN (after Standby# is asserted high) are identical values.
3.
Measured over 50k clock cycles.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply Current, no load
IDD
CL=0p
RL=∞
T=25°C
1MHz
27MHz
70MHz
150MHz
6.0
6.5
7.2
8.3
6.3
6.9
7.5
9.1
mA
Output Transition time
Rise Time
Fall Time
tR
tF
CL=15pF; T=25°C
20%/80%*VDD
1.8
1.0
3
3
ns
Jitter, Max Cycle to Cycle
JCC
F = 100MHz3
60
Ps
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply Current, no load
IDD
CL=0p
RL=∞
T=25°C
1MHz
27MHz
70MHz
150MHz
6.0
6.7
7.7
9.6
6.3
7.0
8.1
10.6
mA
Output Transition time
Rise Time
Fall Time
tR
tF
CL=15pF; T=25°C
20%/80%*VDD
1.0
0.9
2
2
ns
Jitter, Max Cycle to Cycle
JCC
F = 100MHz3
50
ps
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply Current, no load
IDD
CL=0p
RL=∞
T=25°C
1MHz
27MHz
70MHz
150MHz
6.0
6.8
8.2
10.8
6.3
7.2
8.7
12.2
mA
Output Transition time
Rise Time
Fall Time
tR
tF
CL=15pF; T=25°C
20%/80%*VDD
1.0
0.9
2
2
ns
Jitter, Max Cycle to Cycle
JCC
F = 100MHz3
50
ps


Similar Part No. - DSC1001BE5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1001BE5-T MICROCHIP-DSC1001BE5-T Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
More results

Similar Description - DSC1001BE5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1004 MICREL-DSC1004 Datasheet
757Kb / 7P
   Low-Power Precision CMOS Oscillator
DSC1003 MICREL-DSC1003 Datasheet
757Kb / 7P
   Low-Power Precision CMOS Oscillator
DSC8001 MICREL-DSC8001 Datasheet
611Kb / 8P
   Programmable Low-Power Precision CMOS Oscillator
DSC8003 MICREL-DSC8003 Datasheet
546Kb / 7P
   Programmable Low-Power Precision CMOS Oscillator
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
   Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
   Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
   Low Power Precision CMOS
logo
Microchip Technology
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
   Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com