Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1124NI1 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # DSC1124NI1
Description  Low-Jitter Precision HCSL Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1124NI1 Datasheet(HTML) 5 Page - Micrel Semiconductor

  DSC1124NI1 Datasheet HTML 1Page - Micrel Semiconductor DSC1124NI1 Datasheet HTML 2Page - Micrel Semiconductor DSC1124NI1 Datasheet HTML 3Page - Micrel Semiconductor DSC1124NI1 Datasheet HTML 4Page - Micrel Semiconductor DSC1124NI1 Datasheet HTML 5Page - Micrel Semiconductor DSC1124NI1 Datasheet HTML 6Page - Micrel Semiconductor DSC1124NI1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1104 | DSC1124
Page 5
MK-Q-B-P-D-110410-04-6
DSC1104
Low-Jitter Precision HCSL Oscillator
DSC1124
Package Dimensions
7.0 x 5.0 mm Plastic Package
1
2
3
4
6
5
7±0.10 [0.276±0.004]
5±0.10 [0.197±0.004]
1
2
3
4
6
5
0.85±0.05
1
2
3
4
5
2.54[0.100]
Via to Power
Trace
Via to Ground
Plane
No.
Pin Terminal
1
Enable
2
N/C
3
Ground
4
5
OUT-
6
VDD
OUT
6
EXTERNAL DIMENSIONS
Units: mm [ inches]
RECOMMENDED SOLDER PAD LAYOUT
Units: mm [ inches]
2.54 [0.100]
1.4±0.10 [0.055±0.004]
2.8 [0.110]
1.4 [0.055]
PAD
TIE TO GND
5.0 x 3.2 mm Plastic Package
1
2
3
4
6
5
5±0.05 [0.197±0.002]
3.2±0.05 [0.126±0.002]
1
2
3
4
6
5
1.27 [0.050]
0.7±0.1 [0.079±0.002]
0.85±0.05
0.64 [0.025]
1.1 [ 0.043]
1.2 [0.047] REF
1
2
3
4
5
1.27[0.05]
Via to Power
Trace
Via to Ground
Plane
No.
Pin Terminal
1
Enable
2
N/C
3
Ground
4
5
OUT-
6
VDD
OUT
6
EXTERNAL DIMENSIONS
Units: mm [ inches]
RECOMMENDED SOLDER PAD LAYOUT
Units: mm [ inches]
0.64±0.05


Similar Part No. - DSC1124NI1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1124NI1T MICROCHIP-DSC1124NI1T Datasheet
496Kb / 28P
   Low Jitter Precision HCSL Oscillator
10/25/17
More results

Similar Description - DSC1124NI1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1104 MICROCHIP-DSC1104 Datasheet
496Kb / 28P
   Low Jitter Precision HCSL Oscillator
10/25/17
logo
Micrel Semiconductor
DSC8004 MICREL-DSC8004 Datasheet
687Kb / 6P
   Programmable Low-Jitter Precision HCSL Oscillator
DSC2040 MICREL-DSC2040 Datasheet
521Kb / 5P
   Low-Jitter Configurable HCSL Oscillator
DSC2042 MICREL-DSC2042 Datasheet
527Kb / 6P
   Low-Jitter Configurable HCSL-LVPECL Oscillator
DSC2044 MICREL-DSC2044 Datasheet
529Kb / 6P
   Low-Jitter Configurable Dual HCSL Oscillator
DSC2043 MICREL-DSC2043 Datasheet
534Kb / 6P
   Low-Jitter Configurable HCSL-LVDS Oscillator
DSC2140 MICREL-DSC2140 Datasheet
558Kb / 5P
   Low-Jitter I2C/SPI Programmable HCSL Oscillator
DSC2041 MICREL-DSC2041 Datasheet
537Kb / 6P
   Low-Jitter Configurable Dual HCSL-CMOS Oscillator
DSC2143 MICREL-DSC2143 Datasheet
568Kb / 6P
   Low-Jitter I2C/SPI Programmable HCSL-LVDS Oscillator
DSC2142 MICREL-DSC2142 Datasheet
674Kb / 6P
   Low-Jitter I2C/SPI Programmable HCSL-LVPECL Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com