Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL1K4-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # CL1K4-G
Description  Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL1K4-G Datasheet(HTML) 6 Page - Supertex, Inc

  CL1K4-G Datasheet HTML 1Page - Supertex, Inc CL1K4-G Datasheet HTML 2Page - Supertex, Inc CL1K4-G Datasheet HTML 3Page - Supertex, Inc CL1K4-G Datasheet HTML 4Page - Supertex, Inc CL1K4-G Datasheet HTML 5Page - Supertex, Inc CL1K4-G Datasheet HTML 6Page - Supertex, Inc CL1K4-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
CL1
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
3-Lead TO-92 Package Outline (N3)
Symbol
A
b
c
D
E
E1
e
e1
L
Dimensions
(inches)
MIN
.170
.014
.014
.175
.125
.080
.095
.045
.500
NOM
-
-
-
-
-
-
-
-
-
MAX
.210
.022
.022
.205
.165
.105
.105
.055
.610*
JEDEC Registration TO-92.
* This dimension is not specified in the JEDEC drawing.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc.#: DSPD-3TO92N3, Version E041009.
Seating Plane
1
2
3
Front View
Side View
Bottom View
E1
E
D
e1
L
e
c
1 2 3
b
A


Similar Part No. - CL1K4-G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CL1 MACOM-CL1 Datasheet
455Kb / 3P
   Thin Film Limiter Module 5 to 3000 MHz
logo
Supertex, Inc
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
M/A-COM Technology Solu...
CL1 MA-COM-CL1 Datasheet
1Mb / 3P
   Thin Film Limiter Module 5 to 3000 MHz
logo
Eaton All Rights Reserv...
CL1 EATON-CL1 Datasheet
69Kb / 1P
   Type CL 1-inch Classified Replacement Breaker
logo
Dialight Corporation
CL1-230-BL-P DIALIGHT-CL1-230-BL-P Datasheet
161Kb / 2P
   CL1 SERIES COVELED1
More results

Similar Description - CL1K4-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
   Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
   Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
   Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
   Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com