Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL25 Datasheet(PDF) 1 Page - Supertex, Inc

Part # CL25
Description  Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL25 Datasheet(HTML) 1 Page - Supertex, Inc

  CL25_11 Datasheet HTML 1Page - Supertex, Inc CL25_11 Datasheet HTML 2Page - Supertex, Inc CL25_11 Datasheet HTML 3Page - Supertex, Inc CL25_11 Datasheet HTML 4Page - Supertex, Inc CL25_11 Datasheet HTML 5Page - Supertex, Inc CL25_11 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supertex inc.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
CL25
Features
5.0 - 90V operating range (V
A-B)
25mA ±10% at 5.0 - 90V
0.01%/°C typical temperature coefficient
No external components (two terminal device)
Can be paralleled for higher current
Applications
LED channel lighting
Industrial lamp indicators
Accent lighting
General Description
The Supertex CL25 is a high voltage, temperature
compensated, constant current source. The device is trimmed
to provide a constant current of 25mA±10% at an input
voltage of 5.0 - 90V. No external components are required.
The device can be used as a two terminal constant current
source or constant current sink.
A typical application for the CL25 is to drive LEDs with a
constant current of 25mA. Multiple CL2s can also be used
in parallel to provide higher currents such as 50mA, 75mA
or 100mA. The device is available in TO-92 and TO-243AA
(SOT-89) packaging.
Typical Application Circuit
Simple 90V, 25mA,
Temperature Compensated,
Constant Current, LED Driver IC
I
LED
25mA
VA
VB
Up to 90V
+ V
LED(total)
VA
Control Circuit
and Temperature
Compensation
VB
Functional Circuit
Diagram
CL25
+
V
LED(TOTAL)
-


Similar Part No. - CL25_11

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CL25-7605 ARTESYN-CL25-7605 Datasheet
52Kb / 2P
   Single, dual and triple outputs
CL25-7608 ARTESYN-CL25-7608 Datasheet
52Kb / 2P
   Single, dual and triple outputs
CL25-7610 ARTESYN-CL25-7610 Datasheet
52Kb / 2P
   Single, dual and triple outputs
CL25-7612 ARTESYN-CL25-7612 Datasheet
52Kb / 2P
   Single, dual and triple outputs
CL25-7614 ARTESYN-CL25-7614 Datasheet
52Kb / 2P
   Single, dual and triple outputs
More results

Similar Description - CL25_11

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
   Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
   Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
   Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com