Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW01K6-G Datasheet(PDF) 5 Page - Supertex, Inc

Part # CW01K6-G
Description  Four-Channel, Low Phase Noise, Low Power, Continuous Wave Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CW01K6-G Datasheet(HTML) 5 Page - Supertex, Inc

  CW01K6-G Datasheet HTML 1Page - Supertex, Inc CW01K6-G Datasheet HTML 2Page - Supertex, Inc CW01K6-G Datasheet HTML 3Page - Supertex, Inc CW01K6-G Datasheet HTML 4Page - Supertex, Inc CW01K6-G Datasheet HTML 5Page - Supertex, Inc CW01K6-G Datasheet HTML 6Page - Supertex, Inc CW01K6-G Datasheet HTML 7Page - Supertex, Inc CW01K6-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
CW01
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Block Diagram
VDD
VLL
OE
D
IN1
D
IN2
D
IN3
D
IN4
CLK
VSS
V
LL
V
LL
V
LL
V
LL
V
DD
V
DD
V
DD
V
DD
V
LL
UVLO
V
DD
UVLO
D
IN1
Q1
CLK
D
IN2
Q1
CLK
D
IN3
Q1
CLK
D
IN4
Q1
CLK
VD1
HV
OUT1
PGND1
VD2
HV
OUT2
PGND2
VD3
HV
OUT3
PGND3
VD4
HV
OUT4
PGND4
SUB
Timing Diagram
CLK
DIN
HV
OUT
t
dLH
t
HVr
t
HVf
t
dHL
t
H
t
SU
50%50%
90%
90%
10%10%
50%50%


Similar Part No. - CW01K6-G

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
CW025ABK-M GE-CW025ABK-M Datasheet
799Kb / 20P
   CW025 Triple-Output-Series Power Modules: 36 Vdc to 75 Vdc Input; 25W
CW025ACL-M GE-CW025ACL-M Datasheet
799Kb / 20P
   CW025 Triple-Output-Series Power Modules: 36 Vdc to 75 Vdc Input; 25W
logo
Vishay Siliconix
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
CW02C10K00JB1214 VISHAY-CW02C10K00JB1214 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
More results

Similar Description - CW01K6-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MD1730 MICROCHIP-MD1730 Datasheet
616Kb / 34P
   8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
11/07/16
logo
Arizona Microtek, Inc
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
   Low Phase Noise Sine Wave/CMOS
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
logo
QUARTZCOM the communica...
OCO-M36AGS QUARTZCOM-OCO-M36AGS Datasheet
146Kb / 1P
   Low G-sensitivity OCXO Sine wave Low phase noise optional
OCO-M3AGS QUARTZCOM-OCO-M3AGS Datasheet
146Kb / 1P
   Low G-sensitivity OCXO Sine wave Low phase noise optional
logo
Advanced XTAL Products
AXIOM55LN AXTAL-AXIOM55LN Datasheet
117Kb / 4P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM130LN AXTAL-AXIOM130LN Datasheet
116Kb / 4P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75 AXTAL-AXIOM75 Datasheet
65Kb / 2P
   OCXO with Sine Wave Output, Low Phase Noise
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com