Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1103NI2 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC1103NI2
Description  Low-Jitter Precision LVDS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1103NI2 Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC1103NI2 Datasheet HTML 1Page - Micrel Semiconductor DSC1103NI2 Datasheet HTML 2Page - Micrel Semiconductor DSC1103NI2 Datasheet HTML 3Page - Micrel Semiconductor DSC1103NI2 Datasheet HTML 4Page - Micrel Semiconductor DSC1103NI2 Datasheet HTML 5Page - Micrel Semiconductor DSC1103NI2 Datasheet HTML 6Page - Micrel Semiconductor DSC1103NI2 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1103 | DSC1123
Page 1
MK-Q-B-P-D-110410-03-6
Low-Jitter Precision LVDS Oscillator
DSC1103
DSC1123
General Description
The DSC1103 & DSC1123 series of high
performance oscillators utilizes a proven
silicon MEMS technology to provide excellent
jitter and stability over a wide range of
supply voltages and temperatures.
By
eliminating the need for quartz or SAW
technology, MEMS oscillators significantly
enhance reliability and accelerate product
development, while meeting stringent clock
performance
criteria
for
a
variety
of
communications, storage, and networking
applications.
DSC1103 has a standby feature allowing it to
completely power-down when EN pin is
pulled low; whereas for DSC1123, only the
outputs are disabled when EN is low. Both
oscillators are available in industry standard
packages, including the small 3.2x2.5 mm2,
and are “drop-in” replacements for standard
6-pin LVDS quartz crystal oscillators.
Block Diagram
Output Enable Modes
EN Pin
DSC1103
DSC1123
High
Outputs Active
Outputs Active
NC
Outputs Active
Outputs Active
Low
Standby
Outputs Disabled
Features
 Low RMS Phase Jitter: <1 ps (typ)
 High Stability: ±10, ±25, ±50 ppm
 Wide Temperature Range
o
Industrial: -40° to 85° C
o
Ext. commercial: -20° to 70° C
 High Supply Noise Rejection: -50 dBc
 Short Lead Time: 2 Weeks
 Wide Freq. Range: 2.3 to 460 MHz
 Small Industry Standard Footprints
o
2.5x2.0, 3.2x2.5, 5.0x3.2, & 7.0x5.0 mm
 Excellent Shock & Vibration Immunity
o
Qualified to MIL-STD-883
 High Reliability
o
20x better MTF than quartz oscillators
 Low Current Consumption
 Supply Range of 2.25 to 3.6 V
 Standby & Output Enable Function
 Lead Free & RoHS Compliant
 LVPECL & HCSL Versions Available
Applications
 Storage Area Networks
o
SATA, SAS, Fibre Channel
 Passive Optical Networks
o
EPON, 10G-EPON, GPON, 10G-PON
 Ethernet
o
1G, 10GBASE-T/KR/LR/SR, and FCoE
 HD/SD/SDI Video & Surveillance
 PCI Express: Gen 1 & Gen 2
 DisplayPort


Similar Part No. - DSC1103NI2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1103NI2-056.0000 MICROCHIP-DSC1103NI2-056.0000 Datasheet
490Kb / 26P
   Low-Jitter Precision LVDS Oscillator
08/15/18
More results

Similar Description - DSC1103NI2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1103 MICROCHIP-DSC1103 Datasheet
490Kb / 26P
   Low-Jitter Precision LVDS Oscillator
08/15/18
logo
EUROQUARTZ limited
EMEM1103 EUROQUARTZ-EMEM1103 Datasheet
431Kb / 4P
   Low Jitter Precision LVDS Oscillator
logo
Micrel Semiconductor
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
   Programmable Low-Jitter Precision LVDS Oscillator
logo
Microchip Technology
DSA1103 MICROCHIP-DSA1103 Datasheet
598Kb / 28P
   Low-Jitter Precision LVDS Oscillator for Automotive
05/14/19
logo
Micrel Semiconductor
DSC2030 MICREL-DSC2030 Datasheet
525Kb / 5P
   Low-Jitter Configurable LVDS Oscillator
SY89540U MICREL-SY89540U_10 Datasheet
571Kb / 14P
   Precision Low Jitter 4x4 LVDS Crosspoint
DSC2033 MICREL-DSC2033 Datasheet
526Kb / 5P
   Low-Jitter Configurable Dual LVDS Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Micrel Semiconductor
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
   Low-Jitter Precision CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com