Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1102AL1 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # DSC1102AL1
Description  Low-Jitter Precision LVPECL Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1102AL1 Datasheet(HTML) 3 Page - Micrel Semiconductor

  DSC1102AL1 Datasheet HTML 1Page - Micrel Semiconductor DSC1102AL1 Datasheet HTML 2Page - Micrel Semiconductor DSC1102AL1 Datasheet HTML 3Page - Micrel Semiconductor DSC1102AL1 Datasheet HTML 4Page - Micrel Semiconductor DSC1102AL1 Datasheet HTML 5Page - Micrel Semiconductor DSC1102AL1 Datasheet HTML 6Page - Micrel Semiconductor DSC1102AL1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1102 | DSC1122
Page 3
MK-Q-B-P-D-110410-02-6
DSC1102
Low-Jitter Precision LVPECL Oscillator
DSC1122
Nominal Performance Parameters (Unless specified otherwise: T=25° C, VDD=3.3 V)
Power supply rejection ratio
Phase jitter (integrated phase noise)
Output Waveform
Typical Termination Scheme
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
1000
10000
Supply Noise Frequency (kHz)
50-mV
100-mV
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
Low-end of integration BW: x kHz to 20 MHz
156MHz-LVPECL
212MHz-LVPECL
320MHz-LVPECL
410MHz-LVPECL
VIL
1/
f o
Output
Enable
tDA
tEN
tF
tR
VIH
80%
20%
50%
Output
830 mv
VDD
0.1uF
82
130
100
82
130
VDD
2
3
4
5
6


Similar Part No. - DSC1102AL1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1102AL1-T MICROCHIP-DSC1102AL1-T Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
More results

Similar Description - DSC1102AL1

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
Micrel Semiconductor
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
   Programmable Low-Jitter Precision LVPECL Oscillator
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014_12 Datasheet
436Kb / 15P
   Low Jitter LVPECL Crystal Oscillator
logo
Micrel Semiconductor
DSC2020 MICREL-DSC2020 Datasheet
629Kb / 5P
   Low-Jitter Configurable LVPECL Oscillator
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014 Datasheet
630Kb / 16P
   Low Jitter LVPECL Crystal Oscillator
CY2X014_V2 CYPRESS-CY2X014_V2 Datasheet
410Kb / 14P
   Low Jitter LVPECL Crystal Oscillator
logo
Micrel Semiconductor
DSC2042 MICREL-DSC2042 Datasheet
527Kb / 6P
   Low-Jitter Configurable HCSL-LVPECL Oscillator
DSC2022 MICREL-DSC2022 Datasheet
636Kb / 6P
   Low-Jitter Configurable Dual LVPECL Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com