Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1033DC1 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC1033DC1
Description  Low-Power CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1033DC1 Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC1033DC1 Datasheet HTML 1Page - Micrel Semiconductor DSC1033DC1 Datasheet HTML 2Page - Micrel Semiconductor DSC1033DC1 Datasheet HTML 3Page - Micrel Semiconductor DSC1033DC1 Datasheet HTML 4Page - Micrel Semiconductor DSC1033DC1 Datasheet HTML 5Page - Micrel Semiconductor DSC1033DC1 Datasheet HTML 6Page - Micrel Semiconductor DSC1033DC1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
All Rights Reserved. No part of this document may be copied or reproduced in any form without the prior written permission of Micrel, Inc. Micrel Inc. may update or make changes
to the contents, products, programs or services described at any time without notice. This document neither states nor implies any kind of warranty, including, but not limited to
implied warranties of merchantability or fitness for a particular use.
Page 1
DSC1033
3.3V
Low-Power CMOS Oscillator
MK-Q-B-P-D-031809-01-7
General Description
The DSC1033 is a 3.3V fixed frequency MEMS
based PureSilicon™ Oscillator. It can be factory
programmed to any frequency from 1 to
150MHz.
The
DSC1033
incorporates
an
all
silicon
resonator that is extremely robust and nearly
immune to stress related fractures, common to
crystal based oscillators. Without sacrificing the
performance and stability required of today’s
systems, a crystal-less design allows for a
higher level of reliability, making the DSC1033
ideal for rugged, industrial, and portable
applications where stress, shock, and vibration
can damage quartz crystal based systems.
Available in industry standard packages, the
DSC1033 can be “dropped-in” to the same PCB
footprint as standard crystal oscillators.
Block Diagram
Standby#
PFD
VCO
Frac-N
PLL
Resonator
Output
VDD
GND
(pin1)
Standby#
PFD
VCO
Frac-N
PFD
VCO
Frac-N
PLL
Resonator
Output
VDD
GND
(pin1)
Features
Frequency Range: 1 to 150MHz
Exceptional Stability over Temperature
o
±25 PPM, ±50 PPM
Operating voltage
o
3.0 to 3.6V
Operating Temperature Range
o
Industrial -40ºC to 85ºC
o
Ext. Commercial -20ºC to 70ºC
o
Commercial 0ºC to 70ºC
Low Operating and Standby Current
o
3mA Operating (40MHz)
o
1uA Standby
Ultra Miniature Footprint
o
2.5 x 2.0 x 0.85 mm
o
3.2 x 2.5 x 0.85 mm
o
5.0 x 3.2 x 0.85 mm
o
7.0 x 5.0 x 0.85 mm
Excellent Shock and Vibration
Resistance
Lead Free, RoHS & Reach SVHC
Compliant
Benefits
Pin for pin “drop in” replacement for
industry standard oscillators
Semiconductor level reliability,
significantly higher than quartz
Short mass production lead-times
Longer Battery Life / Reduced Power
Compact Plastic package
Cost Effective
Applications
Mobile Applications
Consumer Electronics
Portable Electronics
CCD Clock for VTR Cameras
Low Profile Applications
Industrial


Similar Part No. - DSC1033DC1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1030 MICREL-DSC1030 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1030AC1 MICREL-DSC1030AC1 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1030AC2 MICREL-DSC1030AC2 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1030AE1 MICREL-DSC1030AE1 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1030AE2 MICREL-DSC1030AE2 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
More results

Similar Description - DSC1033DC1

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
   CMOS Oscillator Low Power
logo
Micrel Semiconductor
DSC1028 MICREL-DSC1028 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
logo
Golledge Electronics Lt...
OV1564C2 GOLLEDGE-OV1564C2 Datasheet
59Kb / 1P
   CMOS Oscillator Low Power
MCSO1EL GOLLEDGE-MCSO1EL Datasheet
138Kb / 1P
   CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_16 Datasheet
124Kb / 1P
   CMOS Oscillator Low Power
logo
Micrel Semiconductor
DSC1025 MICREL-DSC1025 Datasheet
821Kb / 7P
   Low-Power CMOS Oscillator
DSC1018 MICREL-DSC1018 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
logo
Golledge Electronics Lt...
GXO-4301 GOLLEDGE-GXO-4301 Datasheet
90Kb / 2P
   Low Power CMOS Oscillator
GXO-4301 GOLLEDGE-GXO-4301_08 Datasheet
85Kb / 2P
   Low Power CMOS Oscillator
logo
Micrel Semiconductor
DSC1030 MICREL-DSC1030 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com