Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1033BC1 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # DSC1033BC1
Description  Low-Power CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1033BC1 Datasheet(HTML) 3 Page - Micrel Semiconductor

  DSC1033BC1 Datasheet HTML 1Page - Micrel Semiconductor DSC1033BC1 Datasheet HTML 2Page - Micrel Semiconductor DSC1033BC1 Datasheet HTML 3Page - Micrel Semiconductor DSC1033BC1 Datasheet HTML 4Page - Micrel Semiconductor DSC1033BC1 Datasheet HTML 5Page - Micrel Semiconductor DSC1033BC1 Datasheet HTML 6Page - Micrel Semiconductor DSC1033BC1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
All Rights Reserved. No part of this document may be copied or reproduced in any form without the prior written permission of Micrel, Inc. Micrel Inc. may update or make changes
to the contents, products, programs or services described at any time without notice. This document neither states nor implies any kind of warranty, including, but not limited to
implied warranties of merchantability or fitness for a particular use.
Page 3
MK-Q-B-P-D-031809-01-7
DSC1033
3.3V
Low-Power CMOS Oscillator
Nominal Performance Characteristics
3.3V Characteristics
Supply Current
0
4
8
12
16
0
50
100
150
Frequency (MHz)
1pF
8pF
15pF
Ta = 25°C
Standby Current
0
0.2
0.4
0.6
0.8
1
0
50
100
150
Frequency (MHz)
-40°C
25°C
85°C
Rise Time
0
0.5
1
1.5
2
0
50
100
150
Frequency (MHz)
-40°C
25°C
85°C
Fall Time
0
0.5
1
1.5
2
0
50
100
150
Frequency (MHz)
-40°C
25°C
85°C
Period Jitter
0
10
20
30
40
0
50
100
150
Frequency (MHz)
25°C
Cycle to Cycle Jitter
0
50
100
150
200
0
50
100
150
Frequency (MHz)
25°C


Similar Part No. - DSC1033BC1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1030 MICREL-DSC1030 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1030AC1 MICREL-DSC1030AC1 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1030AC2 MICREL-DSC1030AC2 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1030AE1 MICREL-DSC1030AE1 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1030AE2 MICREL-DSC1030AE2 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
More results

Similar Description - DSC1033BC1

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
   CMOS Oscillator Low Power
logo
Micrel Semiconductor
DSC1028 MICREL-DSC1028 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
logo
Golledge Electronics Lt...
OV1564C2 GOLLEDGE-OV1564C2 Datasheet
59Kb / 1P
   CMOS Oscillator Low Power
MCSO1EL GOLLEDGE-MCSO1EL Datasheet
138Kb / 1P
   CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_16 Datasheet
124Kb / 1P
   CMOS Oscillator Low Power
logo
Micrel Semiconductor
DSC1025 MICREL-DSC1025 Datasheet
821Kb / 7P
   Low-Power CMOS Oscillator
DSC1018 MICREL-DSC1018 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
logo
Golledge Electronics Lt...
GXO-4301 GOLLEDGE-GXO-4301 Datasheet
90Kb / 2P
   Low Power CMOS Oscillator
GXO-4301 GOLLEDGE-GXO-4301_08 Datasheet
85Kb / 2P
   Low Power CMOS Oscillator
logo
Micrel Semiconductor
DSC1030 MICREL-DSC1030 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com