Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS34C87T Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS34C87T
Description  CMOS Quad TRISTATE Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS34C87T Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS34C87T Datasheet HTML 1Page - National Semiconductor (TI) DS34C87T Datasheet HTML 2Page - National Semiconductor (TI) DS34C87T Datasheet HTML 3Page - National Semiconductor (TI) DS34C87T Datasheet HTML 4Page - National Semiconductor (TI) DS34C87T Datasheet HTML 5Page - National Semiconductor (TI) DS34C87T Datasheet HTML 6Page - National Semiconductor (TI) DS34C87T Datasheet HTML 7Page - National Semiconductor (TI) DS34C87T Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Test Circuit and Switching Time Waveforms
DS008576-3
Note: C1 = C2 = C3 = 40 pF (including Probe and Jig Capacitance), R1 = R2 = 50
Ω,R3 = 500Ω
FIGURE 1. AC Test Circuit
DS008576-4
FIGURE 2. Propagation Delays
DS008576-5
FIGURE 3. Enable and Disable Times
DS008576-7
Input pulse; f = 1 MHz, 50%,tr ≤ 6 ns, tf ≤ 6ns
FIGURE 4. Differential Rise and Fall Times
DS008576-8
FIGURE 5. Propagation Delays Test Circuit
for “LS-Type” Load
DS008576-6
FIGURE 6. Differential Rise and Fall Times
Test Circuit for “LS-Type” Load
DS008576-9
FIGURE 7. Load Enable and Disable Times
Test Circuit for “LS-Type” Load
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MNDS90LV031A-X3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031B3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34LV87TEnhanced CMOS Quad Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS26C31M-XCMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV047A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
ST26C31CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
STLVDS473V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
DS90C031LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90C031BLVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn