Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC082-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC082-Q1
Description  Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC082-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TLC082-Q1_16 Datasheet HTML 1Page - Texas Instruments TLC082-Q1_16 Datasheet HTML 2Page - Texas Instruments TLC082-Q1_16 Datasheet HTML 3Page - Texas Instruments TLC082-Q1_16 Datasheet HTML 4Page - Texas Instruments TLC082-Q1_16 Datasheet HTML 5Page - Texas Instruments TLC082-Q1_16 Datasheet HTML 6Page - Texas Instruments TLC082-Q1_16 Datasheet HTML 7Page - Texas Instruments TLC082-Q1_16 Datasheet HTML 8Page - Texas Instruments TLC082-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
TLC082-Q1, TLC084-Q1
www.ti.com
SLOS510D – SEPTEMBER 2006 – REVISED AUGUST 2016
Product Folder Links: TLC082-Q1 TLC084-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Full range is –40°C to 125°C.
6.5 Electrical Characteristics: VDD = 5 V
VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
(1)
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VDD = 5 V, VIC = 2.5 V,
VO = 2.5 V, RS = 50 Ω
25°C
390
1900
μV
Full range
3300
αVIO
Temperature coefficient of input
offset voltage
VDD = 5 V, VIC = 2.5 V,
VO = 2.5 V, RS = 50 Ω
1.2
μV/°C
IIO
Input offset current
VDD = 5 V, VIC = 2.5 V,
VO = 2.5 V, RS = 50 Ω
25°C
1.9
50
pA
Full range
700
IIB
Input bias current
VDD = 5 V, VIC = 2.5 V,
VO = 2.5 V, RS = 50 Ω
25°C
3
50
pA
Full range
700
VICR
Common-mode input voltage
RS = 50 Ω
25°C
0 to 3
0 to 3.5
V
Full range
0 to 3
0 to 3.5
VOH
High-level output voltage
VIC = 2.5 V
IOH = –1 mA
25°C
4.1
4.3
V
Full range
3.9
IOH = –20 mA
25°C
3.7
4
Full range
3.5
IOH = –35 mA
25°C
3.4
3.8
Full range
3.2
IOH = –50 mA
25°C
3.2
3.6
Full range
3
VOL
Low-level output voltage
VIC = 2.5 V
IOL = 1 mA
25°C
0.18
0.25
V
Full range
0.35
IOL = 20 mA
25°C
0.35
0.39
Full range
0.45
IOL = 35 mA
25°C
0.43
0.55
Full range
0.7
IOL = 50 mA
25°C
0.45
0.63
Full range
0.7
IOS
Short-circuit output current
Sourcing
25°C
100
mA
Sinking
100
IO
Output current
VOH = 1.5 V from positive rail
25°C
57
mA
VOL = 0.5 V from negative rail
55
AVD
Large-signal differential voltage
amplification
VO(PP) = 3 V, RL = 10 kΩ
25°C
100
120
dB
Full range
100
rj(d)
Differential input resistance
25°C
1000
G
CIC
Common-mode input capacitance
f = 10 kHz
25°C
22.9
pF
ZO
Closed-loop output impedance
f = 10 kHz, AV = 10
25°C
0.25
CMRR
Common-mode rejection ratio
VIC = 0 to 3 V, RS = 50 Ω
25°C
70
110
dB
Full range
70
kSVR
Supply voltage rejection ratio
(ΔVDD / ΔVIO)
VDD = 4.5 V to 16 V,
VIC = VDD/2, No load
25°C
80
100
dB
Full range
80
IDD
Supply current (per channel)
VO = 2.5 V, No load
25°C
1.8
2.5
mA
Full range
3.5


Similar Part No. - TLC082-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC082-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC072-Q1 TI1-TLC072-Q1 Datasheet
412Kb / 21P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TLC072-Q1 TI-TLC072-Q1_15 Datasheet
907Kb / 24P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com