Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC2030 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # DSC2030
Description  Low-Jitter Configurable LVDS Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2030 Datasheet(HTML) 5 Page - Micrel Semiconductor

  DSC2030 Datasheet HTML 1Page - Micrel Semiconductor DSC2030 Datasheet HTML 2Page - Micrel Semiconductor DSC2030 Datasheet HTML 3Page - Micrel Semiconductor DSC2030 Datasheet HTML 4Page - Micrel Semiconductor DSC2030 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
______________________________________________________________________________________________________________________________________________
DSC2030
Page 5
MK-Q-B-P-D-12042606-2
DSC2030
Low-Jitter Configurable LVDS Oscillator
Solder Reflow Profile
Package Dimensions
3.2 x 2.5 mm 14 Lead Plastic Package
Disclaimer:
Micrel makes no representations or warranties with respect to the accuracy or completeness of the information furnished in this data sheet. This information
is not intended as a warranty and Micrel does not assume responsibility for its use. Micrel reserves the right to change circuitry, specifications and
descriptions at any time without notice. No license, whether express, implied, arising by estoppel or otherwise, to any intellectual property rights is granted
by this document.
Except as provided in Micrel’s terms and conditions of sale for such products, Micrel assumes no liability whatsoever, and Micrel disclaims
any express or implied warranty relating to the sale and/or use of Micrel products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright or other intellectual property right.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the
body or (b) support or sustai
n life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s use or
sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk and Purchaser agrees to fully indemnify Micrel for any
damages resulting from such use or sale.
MICREL, Inc.
2180 Fortune Drive,
San Jose, California
95131
USA
Phone: +1 (408) 944-0800
Fax: +1 (408) 474-1000
● Email: hbwhelp@micrel.com
www.micrel.com
MSL 1 @ 260°C refer to JSTD-020C
Ramp-Up Rate (200°C to Peak Temp)
3°C/Sec Max.
Preheat Time 150°C to 200°C
60-180 Sec
Time maintained above 217°C
60-150 Sec
Peak Temperature
255-260°C
Time within 5°C of actual Peak
20-40 Sec
Ramp-Down Rate
6°C/Sec Max.
Time 25°C to Peak Temperature
8 min Max.
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C


Similar Part No. - DSC2030

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC2030FE5-B0018 MICROCHIP-DSC2030FE5-B0018 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
February 28, 2017 Revision 1.0
DSC2030FE5-B0018T MICROCHIP-DSC2030FE5-B0018T Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
February 28, 2017 Revision 1.0
DSC2030FI1-B0019 MICROCHIP-DSC2030FI1-B0019 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
January 08, 2018 Revision 1.0
DSC2030FI1-B0019T MICROCHIP-DSC2030FI1-B0019T Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
January 08, 2018 Revision 1.0
logo
Micrel Semiconductor
DSC2030FI5-B0011 MICREL-DSC2030FI5-B0011 Datasheet
593Kb / 6P
   Crystal-less??Configurable Clock Generator
More results

Similar Description - DSC2030

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2033 MICREL-DSC2033 Datasheet
526Kb / 5P
   Low-Jitter Configurable Dual LVDS Oscillator
DSC2032 MICREL-DSC2032 Datasheet
641Kb / 6P
   Low-Jitter Configurable LVDS-LVPECL Oscillator
DSC2043 MICREL-DSC2043 Datasheet
534Kb / 6P
   Low-Jitter Configurable HCSL-LVDS Oscillator
DSC2031 MICREL-DSC2031 Datasheet
538Kb / 6P
   Low-Jitter Configurable Dual LVDS-CMOS Oscillator
DSC2040 MICREL-DSC2040 Datasheet
521Kb / 5P
   Low-Jitter Configurable HCSL Oscillator
DSC2020 MICREL-DSC2020 Datasheet
629Kb / 5P
   Low-Jitter Configurable LVPECL Oscillator
DSC2010 MICREL-DSC2010 Datasheet
530Kb / 6P
   Low-Jitter Configurable CMOS Oscillator
logo
Microchip Technology
DSC1103 MICROCHIP-DSC1103 Datasheet
490Kb / 26P
   Low-Jitter Precision LVDS Oscillator
08/15/18
logo
EUROQUARTZ limited
EMEM1103 EUROQUARTZ-EMEM1103 Datasheet
431Kb / 4P
   Low Jitter Precision LVDS Oscillator
logo
Micrel Semiconductor
DSC1103 MICREL-DSC1103 Datasheet
606Kb / 7P
   Low-Jitter Precision LVDS Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com