Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204B59ADR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6204B59ADR
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204B59ADR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6204B59ADR Datasheet HTML 1Page - Torex Semiconductor XC6204B59ADR Datasheet HTML 2Page - Torex Semiconductor XC6204B59ADR Datasheet HTML 3Page - Torex Semiconductor XC6204B59ADR Datasheet HTML 4Page - Torex Semiconductor XC6204B59ADR Datasheet HTML 5Page - Torex Semiconductor XC6204B59ADR Datasheet HTML 6Page - Torex Semiconductor XC6204B59ADR Datasheet HTML 7Page - Torex Semiconductor XC6204B59ADR Datasheet HTML 8Page - Torex Semiconductor XC6204B59ADR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
XC6204
Series
261
3
qw Represents the product name
e Represents the type of regulator
q
0
w
DESIGNATOR
XC6204****D*
PRODUCT NAME
4
PRODUCT NAME
XC6204D***D*
Type
CE pin, Active 'High' no pull-up resistor built in
DESIGNATOR
D
XC6204C***D*
CE pin, Active 'High' pull-up resistor built in
C
XC6204B***D*
CE pin, Active 'High' no pull-down resistor built in
B
XC6204A***D*
CE pin, Active 'High' pull-down resistor built in
A
r Represents the integer of the Output Voltage
3
DESIGNATOR
XC6204*3**D*
XC6204*5**D*
PRODUCT NAME
3.X
5.X
VOLTAGE(V)
5
4
5
6
1
2
3
USP6B
(TOP VIEW)
y Denotes the production lot number
0 to 9, A to Z repeated(G.I.J.O.Q.W excepted)
Note : Character inversion is not used.
t Represents the decimal number of Output Voltage
DESIGNATOR
X.1
4
X.5
3
X.4
2
X.3
1
X.2
VOLTAGE(V)
9
8
X.9
7
X.8
6
X.7
5
X.6
PRODUCT NAME
XC6204**1*D*
XC6204**5*D*
XC6204**4*D*
XC6204**3*D*
XC6204**2*D*
XC6204**9*D*
XC6204**8*D*
XC6204**7*D*
XC6204**6*D*
B
DESIGNATOR
F
E
D
C
VOLTAGE(V)
M
L
K
H
PRODUCT NAME
XC6204**1AD*
X.0
X.15
X.55
X.45
X.35
X.25
X.95
X.85
X.75
X.65
X.05
0
XC6204**0*D*
A
XC6204**0AD*
XC6204**9AD*
XC6204**8AD*
XC6204**7AD*
XC6204**6AD*
XC6204**5AD*
XC6204**4AD*
XC6204**3AD*
XC6204**2AD*
GUSP-6B
03S_04XC6204 02.9.12 2:57 PM ページ 261


Similar Part No. - XC6204B59ADR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204B59ADR TOREX-XC6204B59ADR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6204B59ADR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com