Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL7757IPK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL7757IPK
Description  SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL7757IPK Datasheet(HTML) 3 Page - Texas Instruments

  TL7757IPK Datasheet HTML 1Page - Texas Instruments TL7757IPK Datasheet HTML 2Page - Texas Instruments TL7757IPK Datasheet HTML 3Page - Texas Instruments TL7757IPK Datasheet HTML 4Page - Texas Instruments TL7757IPK Datasheet HTML 5Page - Texas Instruments TL7757IPK Datasheet HTML 6Page - Texas Instruments TL7757IPK Datasheet HTML 7Page - Texas Instruments TL7757IPK Datasheet HTML 8Page - Texas Instruments TL7757IPK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TL7757
SUPPLY-VOLTAGE SUPERVISOR
AND PRECISION VOLTAGE DETECTOR
SLVS041I − SEPTEMBER 1991 − REVISED AUGUST 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
1
7
V
VOH
High-level output voltage
15
V
IOL
Low-level output current
20
mA
T
Operating free air temperature
TL7757C
0
70
°C
TA
Operating free-air temperature
TL7757I
−40
85
°C
electrical characteristics at specified free-air temperature
PARAMETER
TEST CONDITIONS
T
TL7757C
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
V
Negative going input threshold voltage at V
25
°C
4.43
4.55
4.67
V
VIT−
Negative-going input threshold voltage at VCC
0
°C to 70°C
4.4
4.7
V
V
Hysteresis at V
25
°C
40
50
60
mV
Vhys†
Hysteresis at VCC
0
°C to 70°C
30
70
mV
V
Low level output voltage
I
20 mA
V
43V
25
°C
0.4
0.8
V
VOL
Low-level output voltage
IOL = 20 mA,
VCC = 4.3 V
0
°C to 70°C
0.8
V
I
High level output current
VCC = 7 V,
VOH = 15 V,
25
°C
1
A
IOH
High-level output current
VCC = 7 V,
See Figure 1
VOH = 15 V,
0
°C to 70°C
1
µA
V
Power up reset voltage
RL = 2.2 kΩ,
25
°C
0.8
1
V
Vres‡
Power-up reset voltage
RL = 2.2 kΩ,
VCC slew rate ≤ 5 V/µs
0
°C to 70°C
1.2
V
V
43V
25
°C
1400
2000
ICC
Supply current
VCC = 4.3 V
0
°C to 70°C
2000
µA
CC
pp y
VCC = 5.5 V
0
°C to 70°C
40
µ
This is the difference between positive-going input threshold voltage, VIT+, and negative-going input threshold voltage, VIT−.
This is the lowest voltage at which RESET becomes active.
switching characteristics at specified free-air temperature
PARAMETER
TEST CONDITIONS
T
TL7757C
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
t
Propagation delay time, low-to-high-level
VCC slew rate ≤ 5 V/µs,
25
°C
3.4
5
s
tPLH
Propagation delay time, low to high level
output
VCC slew rate ≤ 5 V/µs,
See Figures 2 and 3
0
°C to 70°C
5
µs
t
Propagation delay time, high-to-low-level
See Figures 2 and 3
25
°C
2
5
s
tPHL
Propagation delay time, high to low level
output
See Figures 2 and 3
0
°C to 70°C
5
µs
t
Rise time
VCC slew rate ≤ 5 V/µs,
25
°C
0.4
1
s
tr
Rise time
VCC slew rate ≤ 5 V/µs,
See Figures 2 and 3
0
°C to 70°C
1
µs
t
Fall time
See Figures 2 and 3
25
°C
0.05
1
s
tf
Fall time
See Figures 2 and 3
0
°C to 70°C
1
µs
t
Minimum pulse duration at VCC for output
25
°C
5
µs
tw(min)
Minimum pulse duration at VCC for output
response
0
°C to 70°C
5
µs


Similar Part No. - TL7757IPK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7757IPK TI-TL7757IPK Datasheet
155Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
TL7757IPK TI-TL7757IPK Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TL7757IPKG3 TI-TL7757IPKG3 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TL7757IPK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7757 TI-TL7757 Datasheet
155Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
logo
AiT Semiconductor Inc.
A4805 AITSEMI-A4805 Datasheet
425Kb / 8P
   SUPERVISOR (RESET IC) HIGH VOLTAGE HIGH PRECISION VOLTAGE DETECTOR
REV1.4
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
AiT Semiconductor Inc.
A4804 AITSEMI-A4804 Datasheet
661Kb / 10P
   SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com