Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9181P Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9181P
Description  Integrated multistandard comb filter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9181P Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9181P Datasheet HTML 5Page - NXP Semiconductors TDA9181P Datasheet HTML 6Page - NXP Semiconductors TDA9181P Datasheet HTML 7Page - NXP Semiconductors TDA9181P Datasheet HTML 8Page - NXP Semiconductors TDA9181P Datasheet HTML 9Page - NXP Semiconductors TDA9181P Datasheet HTML 10Page - NXP Semiconductors TDA9181P Datasheet HTML 11Page - NXP Semiconductors TDA9181P Datasheet HTML 12Page - NXP Semiconductors TDA9181P Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
2000 Nov 22
9
Philips Semiconductors
Objective specification
Integrated multistandard comb filter
TDA9181
Output switch select input; pin OUTSEL
VIL
LOW-level input voltage
COMB mode
−−
0.5
V
VIH
HIGH-level input voltage
YC mode
2.0
−−
V
Ri(OUTSEL)
input resistance
100
−−
k
Ci(OUTSEL)
input capacitance
−−
2pF
Colour subcarrier select input; pin FSCSEL
VIL
LOW-level input voltage
fSC at FSC input; note 2
−−
0.5
V
VIH
HIGH-level input voltage
2
× fSC at FSC input
2.0
−−
V
Ri(FSCSEL)
input resistance
100
−−
k
Ci(FSCSEL)
input capacitance
−−
2pF
Standard select inputs 1 and 2; pins SYS1 and SYS2
VIL
LOW-level input voltage
−−
0.5
V
VIH
HIGH-level input voltage
2.0
−−
V
Ri(SYS)
input resistance
100
−−
k
Ci(SYS)
input capacitance
−−
2pF
Luminance output; pin Y/CVBSOUT
Vo(Y/CVBSOUT)(p-p)
luminance output signal
(peak-to-peak value)
including sync
0.6
1.0
1.54
V
EG(Y)
luminance gain error
−1
0
+1
dB
B−3dB(Y)
−3 dB luminance bandwidth
COMB mode;
PALB,G,H,Dand I
6
−−
MHz
COMB mode; NTSC M,
PAL M and N
5
−−
MHz
YC mode
10
−−
MHz
td(proc)(Y)
luminance processing delay
COMB mode; PAL B, G,
H, D and I; note 3
650
ns
COMB mode; NTSC M,
PAL M and N; note 3
800
ns
YC mode
15
ns
Vclamp
voltage level during clamping
1.5
V
Ebl
black level error
during blanking; note 4
−10
0
+10
mV
S/N
luminance signal-to-noise
ratio (1 V/Vrms noise)
unweighted;
200 kHz to 5 MHz
56
−−
dB
α
ct
crosstalk between different
inputs
0 to 5 MHz
−−−50
dB
fCLK(res)(Y)
residues of clock frequencies
in the luminance signal
(Vrms/1 V)
COMB mode; note 2
f=4
× fSC
−−−30
dB
f=2
× f
SC
−−−30
dB
f = 1.33
× f
SC
−−−30
dB
f=fSC
−−−40
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA9181P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9183 PHILIPS-TDA9183 Datasheet
106Kb / 24P
   Integrated NTSC comb filter
2000 Nov 30
TDA9183P PHILIPS-TDA9183P Datasheet
106Kb / 24P
   Integrated NTSC comb filter
2000 Nov 30
TDA9183T PHILIPS-TDA9183T Datasheet
106Kb / 24P
   Integrated NTSC comb filter
2000 Nov 30
More results

Similar Description - TDA9181P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
   Integrated PAL comb filter
1996 Oct 15
TDA9183 PHILIPS-TDA9183 Datasheet
106Kb / 24P
   Integrated NTSC comb filter
2000 Nov 30
SAA4963 PHILIPS-SAA4963 Datasheet
116Kb / 20P
   Integrated NTSC comb filter
1997 Mar 03
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Micronas
VPC323XD MICRONAS-VPC323XD Datasheet
1Mb / 78P
   Comb Filter Video Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com