Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL75xM12 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL75xM12
Description  AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL75xM12 Datasheet(HTML) 4 Page - Texas Instruments

  TL75xM12 Datasheet HTML 1Page - Texas Instruments TL75xM12 Datasheet HTML 2Page - Texas Instruments TL75xM12 Datasheet HTML 3Page - Texas Instruments TL75xM12 Datasheet HTML 4Page - Texas Instruments TL75xM12 Datasheet HTML 5Page - Texas Instruments TL75xM12 Datasheet HTML 6Page - Texas Instruments TL75xM12 Datasheet HTML 7Page - Texas Instruments TL75xM12 Datasheet HTML 8Page - Texas Instruments TL75xM12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TL750Mxx-Q1, TL751Mxx-Q1
SGLS312J
– SEPTEMBER 2005 – REVISED JUNE 2011
www.ti.com
TL751Mxx ELECTRICAL CHARACTERISTICS
VI = 14 V, IO = 300 mA, TJ = 25°C
TL751Mxx
PARAMETER
UNIT
TYP
Response time, ENABLE to output (start-up)
50
µs
TL750M05/TL751M05 ELECTRICAL CHARACTERISTICS
VI = 14 V, IO = 300 mA, ENABLE at 0 V for TL751M05, TJ = –40°C to 125°C (unless otherwise noted)
(1)
TL750M05
TL751M05
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Output voltage
VI = 6 V to 26 V
4.85
5
5.15
V
VI = 9 V to 16 V,
IO = 250 mA
10
25
Line regulation
mV
VI = 6 V to 26 V,
IO = 250 mA
12
50
Power-supply ripple rejection
VI = 8 V to 18 V,
f = 120 Hz
55
dB
Load regulation
IO = 5 mA to 750 mA
20
50
mV
IO = 500 mA, TJ = 25°C
0.5
Dropout voltage(2)
V
IO = 750 mA, TJ = 25°C
0.65
IO = 750 mA
60
75
Current consumption
mA
Iq = II – IO
IO = 10 mA
5
Shutdown current (TL751M05 only)
ENABLE VIH ≥ 2 V
200
µA
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 10-µF tantalum capacitor
on the output, with equivalent series resistance within the guidelines shown in Figure 4.
(2)
Measured when the output voltage, VO, has dropped 100 mV from the nominal value obtained at VI = 14 V.
TL750M08/TL751M08 ELECTRICAL CHARACTERISTICS
VI = 14 V, IO = 300 mA, ENABLE at 0 V for TL751M08, TJ = –40°C to 125°C (unless otherwise noted)
(1)
TL750M08
TL751M08
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Output voltage
VI = 6 V to 26 V
7.76
8
8.24
V
VI = 10 V to 17 V,
IO = 250 mA
12
40
Line regulation
mV
VI = 9 V to 26 V,
IO = 250 mA
15
68
Power-supply ripple rejection
VI = 11 V to 21 V,
f = 120 Hz
55
dB
Load regulation
IO = 5 mA to 750 mA
24
80
mV
IO = 500 mA, TJ = 25°C
0.5
Dropout voltage(2)
V
IO = 750 mA, TJ = 25°C
0.65
IO = 750 mA, TJ = 25°C
60
75
Current consumption
mA
Iq = II – IO
IO = 10 mA
5
Shutdown current (TL751M08 only)
ENABLE VIH ≥ 2 V
200
µA
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 10-µF tantalum capacitor
on the output, with equivalent series resistance within the guidelines shown in Figure 4.
(2)
Measured when the output voltage, VO, has dropped 100 mV from the nominal value obtained at VI = 14 V.
4
Copyright
© 2005–2011, Texas Instruments Incorporated


Similar Part No. - TL75xM12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL75XL05 TI-TL75XL05 Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75XL05 TI-TL75XL05 Datasheet
521Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75XL08 TI-TL75XL08 Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75XL08 TI-TL75XL08 Datasheet
521Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75XL10 TI-TL75XL10 Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TL75xM12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750M05-Q1 TI1-TL750M05-Q1 Datasheet
908Kb / 23P
[Old version datasheet]   AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
TL750M-Q1 TI-TL750M-Q1 Datasheet
195Kb / 12P
[Old version datasheet]   AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
TL751M08-Q1 TI-TL751M08-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com