Electronic Components Datasheet Search |
|
TL3116 Datasheet(PDF) 2 Page - Texas Instruments |
|
TL3116 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 19 page TL3116, TL3116Y ULTRAFAST LOW POWER PRECISION COMPARATORS SLCS132C − MARCH 1997 − REVISED MAY 1997 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL3116Y chip information This chip, when properly assembled, displays characteristics similar to the TL3116C. Thermal compression or ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive epoxy or a gold-silicon preform. BONDING PAD ASSIGNMENTS CHIP THICKNESS: 10 MILS TYPICAL BONDING PADS: 4 × 4 MILS MINIMUM TJ max = 150°C TOLERANCES ARE ±10%. ALL DIMENSIONS ARE IN MILS. TERMINALS 1 AND 6 CAN BE CONNECTED TO MULTIPLE PADS. Q OUT IN− IN+ LATCH ENABLE Q OUT (5) (2) (3) (1) (6) VCC+ GND (7) (8) + − VCC − (4) 55 63 (1) (4) (3) (2) (5) (1) (1) (8) (7) (6) (6) (6) COMPONENT COUNT Bipolars 53 MOSFETs 49 Resistors 46 Capacitors 14 |
Similar Part No. - TL3116_16 |
|
Similar Description - TL3116_16 |