Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2378ETTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST2378ETTR
Description  8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC 짹15KV ESD PROTECTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378ETTR Datasheet(HTML) 3 Page - STMicroelectronics

  ST2378ETTR Datasheet HTML 1Page - STMicroelectronics ST2378ETTR Datasheet HTML 2Page - STMicroelectronics ST2378ETTR Datasheet HTML 3Page - STMicroelectronics ST2378ETTR Datasheet HTML 4Page - STMicroelectronics ST2378ETTR Datasheet HTML 5Page - STMicroelectronics ST2378ETTR Datasheet HTML 6Page - STMicroelectronics ST2378ETTR Datasheet HTML 7Page - STMicroelectronics ST2378ETTR Datasheet HTML 8Page - STMicroelectronics ST2378ETTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ST2378E
3/14
TRUTH TABLE
X=Don’t care; Z=High Impedance;
1) High Level VL Power Supply referred
2) High Level VCC Power Supply referred
3) Thermal Protection disabled reduces the quiescent current consumption ITS-VCC=ITS-VL=1µA Max at 85°C
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW:
≅ 65°C derated to 300mW by 10mW/°C: 65°C to 85°C
RECOMMENDED OPERATING CONDITIONS
1) VOE from 10% VL to 90%VL
2) VIOVL from 10%VL to 90%VL;VIOVCC from 10%VCC to 90%VCC
Control Pin
Bidirectional Input/Outputs
Thermal Protection
OE
I/OVL
I/OVCC
H(1)
H(1)
H(2)
Enabled
H(1)
L
L
Enabled
LZ
Z
Disabled(3)
Symbol
Parameter
Value
Unit
VL
Supply Voltage
-0.3 to VCC
V
VCC
Supply Voltage
-0.3 to +7.0
V
VOE
DC Control Input Voltage
-0.3 to +7.0
V
VI/OVL
DC I/OVL Input Voltage (OE = Gnd or VL)
-0.3toVL +0.3
V
VI/OVCC
DC I/OVCC Input Voltage (OE = Gnd or VL)-0.3 to VCC +0.3
V
IIK
DC Input Diode Current (OE Control Pin)
− 20
mA
IIOVL
DC Output Current
± 25
mA
IIOVCC
DC Output Current
± 25
mA
ISCTOUT
Short Circuit Duration I/OVL, I/OVCC Driven from 40mA Source
Continuous
mA
ICCB
DC VCC or Ground Current
± 100
mA
Pd
Power Dissipation(*)
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VL
Supply Voltage
1.71 to VCC
V
VCC
Supply Voltage
1.71 to 5.5
V
VI
Input Voltage (OE Output Enable Pin, VL Power Supply referred)
0 to 5.5
V
VI/OVL
I/OVL Voltage
0 to VL
V
VI/OVCC
I/OVCC Voltage
0 to VCC
V
Top
Operating Temperature
-40to85
°C
dt/dv
Input Rise and Fall Time (OE Control Pin) (1)
0 to 10
ns/V
dt/dv
Input Rise and Fall Time (2)
1.71 < VL <VCC <5V
0 to 10
ns/V
VCC =VL =5V
0to 3
ns/V


Similar Part No. - ST2378ETTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2378ETTR STMICROELECTRONICS-ST2378ETTR Datasheet
275Kb / 22P
   8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
More results

Similar Description - ST2378ETTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2378E-06 STMICROELECTRONICS-ST2378E-06 Datasheet
275Kb / 22P
   8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
logo
ON Semiconductor
NLSV8T240 ONSEMI-NLSV8T240_12 Datasheet
120Kb / 6P
   8-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV8T240 ONSEMI-NLSV8T240 Datasheet
118Kb / 6P
   8-Bit Dual-Supply Inverting Level Translator
July, 2008 ??Rev. 0
logo
Union Semiconductor, In...
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
logo
Maxim Integrated Produc...
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
logo
ON Semiconductor
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
logo
Global Mixed-mode Techn...
G2129 GMT-G2129 Datasheet
132Kb / 1P
   1-2-4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing and 짹15kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com