Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C2552 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C2552
Description  1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C2552 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL16C2552 Datasheet HTML 7Page - Texas Instruments TL16C2552 Datasheet HTML 8Page - Texas Instruments TL16C2552 Datasheet HTML 9Page - Texas Instruments TL16C2552 Datasheet HTML 10Page - Texas Instruments TL16C2552 Datasheet HTML 11Page - Texas Instruments TL16C2552 Datasheet HTML 12Page - Texas Instruments TL16C2552 Datasheet HTML 13Page - Texas Instruments TL16C2552 Datasheet HTML 14Page - Texas Instruments TL16C2552 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
BAUD GENERATOR SWITCHING CHARACTERISTICS
TL16C2552
SLWS163A – SEPTEMBER 2005 – REVISED JUNE 2006
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
5 V Nominal
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VOH
High-level output voltage(2)
IOH = -4 mA
4
V
VOL
Low-level output voltage(2)
IOL = 4 mA
0.4
V
II
Input current
VCC = 5.5 V, VSS = 0, VI = 0 to 5.5 V, All other
10
µA
terminals floating
IOZ
High-impedance-state output
VCC = 5.5 V, VSS = 0, VI = 0 to 5.5 V, Chip selected in
±20
µA
current
write mode or chip deselected
ICC
Supply current
VCC = 5.5 V, TA = 0°C, RXA, RXB, DSRA, DSRB,
7.5
mA
CDA, CDB, CTSA, CTSB, RIA, and RIB at 2 V, All
other inputs at 0.8 V, XTAL1 at 24 MHz, No load on
outputs
Ci(CLK)
Clock input impedance
15
20
pF
CO(CLK)
Clock output impedance
20
30
pF
VCC = 0, VSS = 0, f = 1 MHz,
TA = 25°C, All other terminals grounded
CI
Input impedance
6
10
pF
CO
Output impedance
10
20
pF
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
These parameters apply for all outputs except XTAL2.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
LIMITS
ALT.
TEST
PARAMETER
FIGURE
1.8 V
2.5 V
3.3 V
5 V
UNIT
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw8
Pulse duration, RESET
tRESET
1
1
1
1
µs
tw1
Pulse duration, clock high
tXH
6
40
25
20
18
ns
tw2
Pulse duration, clock low
tXL
tcR
Cycle time, read (tw7 + td8 + th7)
RC
8
115
80
62
57
ns
tcW
Cycle time, write (tw6 + td5 + th4)
WC
7
115
80
62
57
ns
tw6
Pulse duration, IOW or CS
tIOW
7
80
55
45
40
ns
tw7
Pulse duration, IOR or CS
tIOR
8
80
55
45
40
ns
tSU3
Setup time, data valid before IOW
↑ or CS↑
tDS
7
25
20
15
15
ns
th4
Hold time, address valid after IOW
↑ or CS↑
tWA
7
20
15
10
10
ns
th5
Hold time, data valid after IOW
↑ or CS↑
tDH
7
15
10
5
5
ns
th7
Hold time, data valid after IOR
↑ or CS↑
tRA
8
20
15
10
10
ns
td5
Delay time, address valid before IOW
↓ or CS↓
tAW
7
15
10
7
7
ns
td8
Delay time, address valid to IOR
↓ or CS↓
tAR
8
15
10
7
7
ns
td10
Delay time, IOR
↓ or CS↓ to data valid
tRVD
8
CL = 30 pF
55
35
25
20
ns
td11
Delay time, IOR
↑ or CS↑ to floating data
tHZ
8
CL = 30 pF
40
30
20
20
ns
td12
Write cycle to write cycle delay
7
100
75
60
50
ns
td13
Read cycle to read cycle delay
8
100
75
60
50
ns
over recommended ranges of supply voltage and operating free-air temperature, C
L = 30 pF (for FN package only)
LIMITS
ALT.
TEST
PARAMETER
FIGURE
1.8 V
2.5 V
3.3 V
5 V
UNIT
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw3
Pulse duration, BAUDOUT low
tLW
6
CLK ÷ 2
80
50
42
35
ns
tw4
Pulse duration, BAUDOUT high
tHW
6
CLK
÷ 2
80
50
42
35
ns
td1
Delay time, XIN
↑ to BAUDOUT↑
tBLD
6
55
40
30
25
ns
td2
Delay time, XIN
↑↓ to BAUDOUT↓
tBHD
6
55
40
30
25
ns
11
Submit Documentation Feedback


Similar Part No. - TL16C2552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552FN TI-TL16C2552FN Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552RHB TI-TL16C2552RHB Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
More results

Similar Description - TL16C2552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550_10 Datasheet
1Mb / 47P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI-TL16C2752 Datasheet
340Kb / 25P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com