Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TL16C552FNRG4 Datasheet(PDF) 29 Page - Texas Instruments

Part No. TL16C552FNRG4
Description  DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C552FNRG4 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TL16C552FNRG4 Datasheet HTML 25Page - Texas Instruments TL16C552FNRG4 Datasheet HTML 26Page - Texas Instruments TL16C552FNRG4 Datasheet HTML 27Page - Texas Instruments TL16C552FNRG4 Datasheet HTML 28Page - Texas Instruments TL16C552FNRG4 Datasheet HTML 29Page - Texas Instruments TL16C552FNRG4 Datasheet HTML 30Page - Texas Instruments TL16C552FNRG4 Datasheet HTML 31Page - Texas Instruments TL16C552FNRG4 Datasheet HTML 32Page - Texas Instruments TL16C552FNRG4 Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
TL16C552
DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS102B − DECEMBER 1990 − REVISED MARCH 1996
29
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
modem status register (MSR) (continued)
Reading the MSR register clears the delta modem status indications but has no affect on the other status bits.
For LSR and MSR, the setting of status bits is inhibited during status register read operations. When a status
condition is generated during a read IOR operation, the status bit is not set until the trailing edge of the read.
If a status bit is set during a read operation, and the same status condition occurs, that status bit is cleared at
the trailing edge of the read instead of being set again. In the loop back mode, when modem status interrupts
are enabled, the CTS, DSR, RI and DCD input terminals are ignored. However, a modem status interrupt can
still be generated by writing to MCR3 − MCR0. Applications software should not write to the MSR.
parallel port registers
The TL16C552 parallel port can interface to the device to a Centronics-style printer interface. When chip select
2 (CS2) is low, the parallel port is selected. Table 12 shows the registers associated with this parallel port. The
read or write function of the register is controlled by the state of the read (IOR) and write (IOW) terminal as
shown. The read data register allows the microprocessor to read the information on the parallel bus.
The read status register allows the microprocessor to read the status of the printer in the six most significant
bits. The status bits are printer busy BSY, acknowledge (ACK) which is a handshake function, paper empty (PE),
printer selected (SLCT), error (ERR) and printer interrupt (PRINT). The read control register allows the state
of the control lines to be read. The write control register sets the state of the control lines. They are direction
(DIR), interrupt enable (INT2 EN), select in (SLIN), initialize the printer (INIT), autofeed the paper (AFD), and
strobe (STB), which informs the printer of the presence of a valid byte on the parallel bus. The write data register
allows the microprocessor to write a byte to the parallel bus. The parallel port is completely compatible with the
parallel port implementation used in the IBM
 serial parallel adaptor.
Table 12. Parallel Port Registers
REGISTER
REGISTER BITS
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Read Data
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Read Status
BSY
ACK
PE
SLCT
ERR
PRINT
1
1
Read Control
0
0
DIR
INT2 EN
SLIN
INIT
AFD
STB
Write Data
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Write Control
0
0
DIR
INT2 EN
SLIN
INIT
AFD
STB
Table 13. Parallel Port Register Select
CONTROL TERMINALS
REGISTER SELECTED
IOR
IOW
CS2
A1
A0
REGISTER SELECTED
L
H
L
L
L
Read data
L
H
L
L
H
Read status
L
H
L
H
L
Read control
L
H
L
H
H
Invalid
H
L
L
L
L
Write data
H
L
L
L
H
Invalid
H
L
L
H
L
Write control
H
L
L
H
H
Invalid


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn