Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TL16C552FNRG4 Datasheet(PDF) 27 Page - Texas Instruments

Part No. TL16C552FNRG4
Description  DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TL16C552FNRG4 Datasheet(HTML) 27 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
TL16C552
DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS102B − DECEMBER 1990 − REVISED MARCH 1996
27
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
modem control register (MCR)
The MCR controls the interface with the modem or data set as described in Figure 18. The MCR can be written
to and read from. The RTS and DTR outputs are directly controlled by their control bits in this register. A high
input asserts a low (true) at the output terminals. MCR bits 0, 1, 2, 3, and 4 are shown as follows:
MCR
7
MCR
6
MCR
5
MCR
4
MCR
3
MCR
2
MCR
1
MCR
0
MODEM CONTROL REGISTER
Data Terminal
Ready
Request
to Send
Out 1
Out 2
Loop
0 = Loop Disabled
1 = Loop Enabled
0 = DTR Output High (inactive)
1 = DTR Output Low (active)
0 = RTS Output High (inactive)
1 = RTS Output Low (active)
0 = OUT1 Output High
1 = OUT1 Output Low
0 = OUT2 Output High
1 = OUT2 Output Low
Bits are Cleared
Figure 18. Modem Control Register Contents
D Bit 0: When MCR0 is set, the DTR output is forced low. When MCR0 is cleared, the DTR output is forced
high. The DTR output of the serial channel can be input into an inverting line driver in order to obtain the
proper polarity input at the modem or data set.
D Bit 1: When MCR1 is set, the RTS output is forced low. When MCR1 is cleared, the RTS output is forced
high. The RTS output of the serial channel can be input into an inverting line driver to obtain the proper
polarity input at the modem or data set.
D Bit 2: When MCR2 is set, OUT1 is forced low.
D Bit 3: When MCR3 is set, the OUT2 output is forced low.
D Bit 4: MCR4 provides a local loopback feature for diagnostic testing of the channel. When MCR4 is set,
serial output (SOUT) is set to the marking (high) state, and the SIN is disconnected. The output of the TSR
is looped back into the receiver shift register input. The four modem control inputs (CTS, DSR, DCD, and
RI) are disconnected. The modem control outputs (DTR, RTS, OIUT1, and OUT2) are internally connected
to the four modem control inputs. The modem control output terminals are forced to their inactive state (high)
on the TL16C552. In the diagnostic mode, data transmitted is immediately received. This allows the
processor to verify the transmit and receive data paths of the selected serial channel. Interrupt control is
fully operational. However, interrupts are generated by controlling the lower four MCR bits internally.
Interrupts are not generated by activity on the external terminals represented by those four bits.
D Bits 5 − 7: These three bits(MCR5 − MCR7) are permanently cleared.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn