Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TL16C552FNRG4 Datasheet(PDF) 26 Page - Texas Instruments

Part No. TL16C552FNRG4
Description  DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TL16C552FNRG4 Datasheet(HTML) 26 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
TL16C552
DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS102B − DECEMBER 1990 − REVISED MARCH 1996
26
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
master reset
After power up, the ACE RESET input should be held low for one microsecond to reset the ACE circuits to an
idle mode until initialization. A low on RESET causes the following:
1.
It initializes the transmitter and receiver clock counters.
2.
It clears the LSR, except for TEMT and THRE, which are set. The MCR is also cleared. All of the discrete
lines, memory elements, and miscellaneous logic associated with these register bits are also cleared or
turned off. The LCR, divisor latches, RBR, and transmitter buffer register are not effected.
Following the removal of the reset condition (RESET high), the ACE remains in the idle mode until programmed.
A hardware reset of the ACE sets the THRE and TEMT status bit in the LSR. When interrupts are subsequently
enabled, an interrupt occurs due to THRE. A summary of the affect of a reset on the ACE is given in Table 10.
Table 10. RESET Affects On Registers and Signals
REGISTER/SIGNAL
RESET CONTROL
RESET
Interrupt enable register
Reset
All bits cleared (0 − 3 forced and 4 − 7
permanent)
Interrupt identification register
Reset
Bit 0 is set, bits 1, 2, 3, 6, and 7 cleared
Interrupt identification register
Reset
Bit 0 is set, bits 1, 2, 3, 6, and 7 cleared
Bits 4 − 5 are permanently cleared
Line control register
Reset
All bits cleared
Modem control register
Reset
All bits cleared
FIFO control register
Reset
All bits cleared
Line status register
Reset
All bits cleared, except bits 5 and 6 are set
Modem status register
Reset
Bits 0 − 3 cleared, bits 4 − 7 input signal
SOUT
Reset
High
Interrupt (receiver errs)
Read LSR/Reset
Cleared
Interrupt (receiver data ready)
Read RBR/Reset
Cleared
Interrupt (THRE)
Read IIR/Write THR/Reset
Cleared
Interrupt (modem status changes)
Read MSR/Reset
Cleared
OUT2
Reset
High
RTS
Reset
High
DTR
Reset
High
OUT1
Reset
High


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn