Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TL16C552FNRG4 Datasheet(PDF) 20 Page - Texas Instruments

Part No. TL16C552FNRG4
Description  DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TL16C552FNRG4 Datasheet(HTML) 20 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
TL16C552
DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS102B − DECEMBER 1990 − REVISED MARCH 1996
20
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
interrupt enable register (IER) (continued)
D Bit 1: IER1, when set, enables the THRE interrupt.
D Bit 2: IER2, when set, enables the receiver line status interrupt.
D Bit 3: IER3, when set, enables the modem status interrupt.
D Bits 4 − 7: IER4 − IER7 are always cleared.
interrupt identification register (IIR)
In order to minimize software overhead during data character transfers, the serial channel prioritizes interrupts
into four levels. The four levels of interrupt conditions are shown in the following bulleted list:
D Priority 1 − Receiver line status (highest priority)
D Priority 2 − Receiver data ready or receiver character time out
D Priority 3 −Transmitter holding register empty
D Priority 4−Modem status (lowest priority)
Information indicating that a prioritized interrupt is pending and the type of interrupt is stored in the IIR. The IIR
indicates the highest priority interrupt pending. The contents of the IIR are indicated in Table 5.
Table 5. Interrupt Control Functions
FIFO
MODE
ONLY
INTERRUPT
IDENTIFICATION
REGISTER
INTERRUPT SET AND RESET FUNCTIONS
BIT 3
BIT 2
BIT 1
BIT 0
PRIORITY
LEVEL
INTERRUPT TYPE
INTERRUPT SOURCE
INTERRUPT RESET
CONTROL
0
0
0
1
None
None
0
1
1
0
First
Receiver line status
OE, PE, FE, or BI
LSR read
0
1
0
0
Second
Received data available
Receiver data available or trigger level
reached
RBR read until FIFO
drops below the
trigger level
1
1
0
0
Second
Character time-out
indication
No characters have been removed
from or input to the receiver FIFO
during the last four character times and
there is at least one character in it
during this time.
RBR read
0
0
1
0
Third
THRE
THRE
IIR read if THRE is
the interrupt source
or THR write
0
0
0
0
Fourth
Modem status
CTS, DSR, RI, or DCD
MSR read
D Bit 0: IIR0 indicates whether an interrupt is pending. When IIR0 is cleared, an interrupt is pending.
D Bits 1 and 2: IIR1 and IIR2 identify the highest priority interrupt pending as indicated in Table 5.
D Bit 3: IIR3 is always cleared when in the TL16C450 mode. This bit is set along with bit 2 when in the FIFO
mode and a trigger change level interrupt is pending.
D Bits 4 and 5: IIR4 and IIR5 are always cleared.
D Bits 6 and 7: IIR6 and IIR7 are set when FCR0=1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn