Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16PNP550A Datasheet(PDF) 11 Page - Texas Instruments

Part # TL16PNP550A
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PNP550A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL16PNP550A_08 Datasheet HTML 7Page - Texas Instruments TL16PNP550A_08 Datasheet HTML 8Page - Texas Instruments TL16PNP550A_08 Datasheet HTML 9Page - Texas Instruments TL16PNP550A_08 Datasheet HTML 10Page - Texas Instruments TL16PNP550A_08 Datasheet HTML 11Page - Texas Instruments TL16PNP550A_08 Datasheet HTML 12Page - Texas Instruments TL16PNP550A_08 Datasheet HTML 13Page - Texas Instruments TL16PNP550A_08 Datasheet HTML 14Page - Texas Instruments TL16PNP550A_08 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TL16PNP550A
ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH PLUGANDPLAY (PnP) AND AUTOFLOW CONTROL
SLLS190B − MARCH 1995 − REVISED MARCH 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
system timing requirements over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
ALTERNATE
SYMBOL
FIGURE
TEST CONDITIONS
MIN
MAX
UNIT
tcR
Cycle time, read (tw7 + td8 + td9)
RC
87
ns
tcW
Cycle time, write (tw6 + td5 + td6)
WC
87
ns
tw1†
Pulse duration, XIN high
tXH
Figure 5
f = 16 MHz maximum
25
ns
tw2†
Pulse duration, XIN low
tXL
Figure 5
f = 16 MHz maximum
25
ns
tw6
Pulse duration, write strobe (IOW)
tWR
Figure 6
75
ns
tw7
Pulse duration, read strobe (IOR)
tRD
Figure 7
75
ns
tw8
Pulse duration, master reset
tMR
1
µs
tsu3
Setup time, data valid before
IOW↑
tDS
Figure 6
15
ns
th1
Hold time, chip select (CS) valid after address (A0
− A2) becomes invalid
tCH
Figure 6,
Figure 7
From the first rising
edge of XIN after
address invalid
20
ns
th2
Hold time, data valid after IOW
tDH
Figure 6
5
ns
td4
Delay time, chip select (CS) valid after address
valid (A0 − A2)
tCSRW
Figure 6,
Figure 7
From the first rising
edge of XIN after
address valid
30
ns
td5
Delay time, address valid (A0 − A2) before
IOW↓
tAW
Figure 6
7
ns
td6
Delay time, address valid (A0 − A2) before
IOR↓
tAR
Figure 7
7
ns
td7
Delay time, chip select (CS) valid to data valid
(D7 − D0)
tCSVD
Figure 7
CL = 75 pF
30
ns
td8
Delay time,
IOR↑ to floating data (D7 − D0)
tHZ
Figure 7
CL = 75 pF
20
ns
td9
Delay time, EXINTR
↑ or EXINTR↓ to IRQx↑ or
IRQx↓
Figure 8
15
ns
† This only applies when PNPBYPASS is low.
oscillator cell maximum switching characteristics, VCC = 4.75 V, TJ = 115°C
PARAMETER
FROM
TO
INTRINSIC
DELAY
DELTA
DELAY
DELAY (ns)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
DELAY
(ns)
DELAY
(ns/pF)
CL = 15 pF
CL = 50 pF
CL = 85 pF
CL = 100 pF
tPLH
XIN
XOUT
− 0.25
0.300
4.26
14.76
25.26
29.77
tPHL
XIN
XOUT
− 0.24
0.206
2.85
10.06
17.27
20.36
tr
Output rise time, XOUT
5.83
21.15
36.47
43.04
tf
Output fall time, XOUT
3.76
13.50
23.24
27.41
baud generator switching characteristics over recommended ranges of supply voltage and
operating free-air temperature, CL = 75 pF (see Figure 5)
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
tw3†
Pulse duration, PNPS1 low
tLW
f = 16 MHz, CLK
÷ 2
50
ns
tw4†
Pulse duration, PNPS1 high
tHW
f = 16 MHz, CLK
÷ 2
50
ns
td1†
Delay time, XIN
↑ to PNPS1↑
tBLD
45
ns
td2†
Delay time, XIN
↑↓ to PNPS1↓
tBHD
45
ns
† This only applies when PNPBYPASS is low.


Similar Part No. - TL16PNP550A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16PNP550AFN TI-TL16PNP550AFN Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
More results

Similar Description - TL16PNP550A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550C TI1-TL16C550C_12 Datasheet
1,020Kb / 43P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D_09 Datasheet
1Mb / 54P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com