Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8767117LA Datasheet(PDF) 10 Page - Texas Instruments

Part # 5962-8767117LA
Description  HIGH-PERFORMANCE IMPACT-X
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8767117LA Datasheet(HTML) 10 Page - Texas Instruments

Back Button 5962-8767117LA Datasheet HTML 6Page - Texas Instruments 5962-8767117LA Datasheet HTML 7Page - Texas Instruments 5962-8767117LA Datasheet HTML 8Page - Texas Instruments 5962-8767117LA Datasheet HTML 9Page - Texas Instruments 5962-8767117LA Datasheet HTML 10Page - Texas Instruments 5962-8767117LA Datasheet HTML 11Page - Texas Instruments 5962-8767117LA Datasheet HTML 12Page - Texas Instruments 5962-8767117LA Datasheet HTML 13Page - Texas Instruments 5962-8767117LA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
I, I/O
O, I/O
tpd
ns
TIBPAL20L8-7C, TIBPAL20R4-7C, TIBPAL20R6-7C, TIBPAL20R8-7C
HIGH-PERFORMANCE
IMPACT-X ™ PAL® CIRCUITS
SRPS005E − D3307, OCTOBER 1989 − REVISED DECEMBER 2010
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
10
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
VCC = 4.75 V,
II = −18 mA
−0.8
−1.5
V
VOH
VCC = 4.75 V,
IOH = −3.2 mA
2.4
3.2
V
VOL
VCC = 4.75 V,
IOL = 24 mA
0.3
0.5
V
IOZH‡
VCC = 5.25 V,
VO = 2.7 V
100
μA
IOZL‡
VCC = 5.25 V,
VO = 0.4 V
−100
μA
II
VCC = 5.25 V,
VI = 5.5 V
100
μA
IIH‡
VCC = 5.25 V,
VI = 2.7 V
25
μA
IIL‡
VCC = 5.25 V,
VI = 0.4 V
−80
−250
μA
IOS§
VCC = 5.25 V,
VO = 0.5 V
−30
−70
−130
mA
ICC
VCC = 5.25 V,
VI = 0,
Outputs open
150
210
mA
Ci
f = 1 MHz,
VI = 2 V
5
pF
Co
f = 1 MHz,
VO = 2 V
6
pF
Cclk
f = 1 MHz,
VCLK = 2 V
6
pF
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITION
MIN
TYP
MAX
UNIT
without feedback
100
fmax¶
with internal feedback
(counter configuration)
100
MHz
with external feedback
74
1 or 2 outputs switching
3
5.5
7
8 outputs switching
R1 = 200 Ω,
3
6
7.5
tpd
CLK↑
Q
R2 = 390 Ω,
2
4
6.5
ns
tpd#
CLK↑
Feedback input
See Figure 6
3
ns
ten
OE↓
Q
4
7.5
ns
tdis
OE↑
Q
4
7.5
ns
ten
I, I/O
O, I/O
6
9
ns
tdis
I, I/O
O, I/O
6
9
ns
tsk(o)||
Skew between registered outputs
0.5
ns
All typical values are at VCC = 5 V, TA = 25°C.
I/O leakage is the worst case of IOZL and IIL or IOZH and IIH respectively.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. VO is set at 0.5 V to
avoid test problems caused by test equipment ground degradation.
See section for fmax specifications.
# This parameter applies to TIBPAL20R4’ and TIBPAL20R6’ only (see Figure 4 for illustration) and is calculated from the measured fmaxwith internal
feedback in the counter configuration.
|| This parameter is the measurement of the difference between the fastest and slowest tpd (CLK-to-Q) observed when multiple registered outputs
are switching in the same direction.
OBSOLETE - No Longer Available


Similar Part No. - 5962-8767117LA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-87671193A TI-5962-87671193A Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
5962-8767119KA TI-5962-8767119KA Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
5962-8767119LA TI-5962-8767119LA Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
More results

Similar Description - 5962-8767117LA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10-20M TI1-TIBPAL22V10-20M_16 Datasheet
443Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL22VP10-20C TI1-TIBPAL22VP10-20C_15 Datasheet
448Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20R3 TI-TIBPAL20R3 Datasheet
922Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-15M TI1-TIBPAL16L8-15M_14 Datasheet
445Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com