Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL5942 Datasheet(PDF) 5 Page - Texas Instruments

Part # TIL5942
Description  CURRENT-MODE-PWM CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIL5942 Datasheet(HTML) 5 Page - Texas Instruments

  TIL5942 Datasheet HTML 1Page - Texas Instruments TIL5942 Datasheet HTML 2Page - Texas Instruments TIL5942 Datasheet HTML 3Page - Texas Instruments TIL5942 Datasheet HTML 4Page - Texas Instruments TIL5942 Datasheet HTML 5Page - Texas Instruments TIL5942 Datasheet HTML 6Page - Texas Instruments TIL5942 Datasheet HTML 7Page - Texas Instruments TIL5942 Datasheet HTML 8Page - Texas Instruments TIL5942 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TIL5942, TIL5942A
CURRENT-MODE-PWM CONTROLLER
WITH OPTOISOLATED VOLTAGE REFERENCE AND ERROR AMPLIFIER
SOES040 – OCTOBER 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VCC = 17 V,
RT = 3.9 kΩ, CT = 1 nF (unless otherwise noted)
voltage reference/error amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V f
Reference voltage
TA = 25°C,
VO(COMP) = VI(FB)
TIL5942
2.48
2.5
2.52
V
Vref
Reference voltage
O(COMP)
I(FB)
II(LED) = 10 mA,
See Figure 2
TIL5942A
2.49
2.5
2.51
V
Vref(dev)
Deviation of reference voltage over
temperature
TA = 25°C to 100°C,
VO(COMP) = VI(FB)
II(LED) = 10 mA,
See Figure 2
25
mV
Ratio of reference voltage change to
change in input light-emitting-diode voltage
∆VI(LED) = 4 V to 37 V,
II(LED) = 10 mA
1.1
2
mV/V
II(FB)
Feedback input current
II(LED) = 10 mA,
See Figure 4
R3 = 10 k
1.5
3
µA
Iref(dev)
Deviation of reference input current over
full temperature range
II(LED) = 10 mA,
TA = 25°C to 100°C
R3 = 10 k
Ω,
See Figure 4
0.5
µA
IDRV(min)
Minimum drive current
TA = 25°C,
VO(COMP) = VI(FB)
0.4
1
mA
II(off)
Off-state input light-emitting diode current
VI(LED) = 37 V,
See Figure 5
VI(FB) = 0
0.18
0.5
µA
Zka†
Regulator output impedance
VO(COMP) = VI(FB)
IO(COMP) = 1 mA to 50 mA
f
≤ 1 kHz
0.1
† This symbol is not currently listed within EIA or JEDEC standards for semiconductor symbology.
LED
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VF
Forward voltage
TA = 25°C, VO(COMP) = VI(FB), II(LED) = 10 mA,
See Figure 2
1.2
1.4
V
IR
LED reverse current
VO = 6 V
10
µA
PWM Section
voltage reference
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Reference voltage
IO = 1 mA,
TJ = 25°C
4.95
5
5.05
V
Vref(line reg)
Reference line regulation
VCC = 11 V to 30 V
50
mV
Vref(load reg)
Reference load regulation
IO = 0 mA to 20 mA
25
mV
V f(t
)
Reference temperature regulation
TA = 25°C to 100°C
–4
mV
Vref(temp reg) Reference temperature regulation
TA = 25°C to –40°C
–4
mV
oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fosc
Frequency
R = 3.9 k
Ω,
C = 1 nF
225
250
275
kHz
t(off)
Dead time, (minimum off time)
100
148
200
ns
Minimum timing ramp voltage
0.5
V
Peak timing ramp voltage
3.2
V
DV
ref
DV
I(LED)


Similar Part No. - TIL5942

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL5942 TI-TIL5942 Datasheet
293Kb / 19P
[Old version datasheet]   CURRENT-MODE-PWM CONTROLLER WITH OPTOISOLATED VOLTAGE REFERENCE AND ERROR AMPLIFIER
More results

Similar Description - TIL5942

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com