Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4948EY Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI4948EY
Description  Dual P-Channel 60-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4948EY Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si4948EY
Vishay Siliconix
Document Number: 70166
S-99444—Rev. E, 29-Nov-99
www.vishay.com
S FaxBack 408-970-5600
2-1
Dual P-Channel 60-V (D-S), 175
_C MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
–60
0.120 @ VGS = –10 V
"3.1
–60
0.150 @ VGS = –4.5 V
"2.8
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
S1
G1
D1 D1
P-Channel MOSFET
S2
G2
D2 D2
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
–60
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 175_C)a
TA = 25_C
ID
"3.1
A
Continuous Drain Current (TJ = 175_C)a
TA = 70_C
ID
"2.6
A
Pulsed Drain Current
IDM
"30
A
Continuous Source Current (Diode Conduction)a
IS
–2.0
Maximum Power Dissipationa
TA = 25_C
PD
2.4
W
Maximum Power Dissipationa
TA = 70_C
PD
1.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Maximum Junction-to-Ambienta
RthJA
62.5
_C/W
Notes
a.
Surface Mounted on FR4 Board, t
v 10 sec.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn