Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4559EY Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SI4559EY
Description  N-Channel 60-V (D-S), 175°C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4559EY Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Si4559EY
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-4
Document Number: 70167
S-57253—Rev. D, 24-Feb-98
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
NCHANNEL
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
2
1
0.1
0.01
10–4
10–3
10–2
10–1
110
30
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 62.5_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
Notes:
4. Surface Mounted
PDM
t2
Square Wave Pulse Duration (sec)
Single Pulse Power
Time (sec)
50
40
30
20
10
0
0.01
0.1
1
10
30
0
0.02
0.04
0.06
0.08
0.10
02468
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–50
–25
0
25
50
75
100
125
150
175
1
10
20
ID = 4.5 A
ID = 250 µA
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
TJ – Temperature (_C)
TJ = 25_C
TJ = 175_C


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn